Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STP2327 Datasheet(PDF) 2 Page - Stanson Technology

Part # STP2327
Description  P Channel Enhancement Mode MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

STP2327 Datasheet(HTML) 2 Page - Stanson Technology

  STP2327 Datasheet HTML 1Page - Stanson Technology STP2327 Datasheet HTML 2Page - Stanson Technology STP2327 Datasheet HTML 3Page - Stanson Technology STP2327 Datasheet HTML 4Page - Stanson Technology STP2327 Datasheet HTML 5Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
STP2327
P Channel Enhancement Mode MOSFET
-1.5A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
STP2327 2013. Rev.1
ABSOULTE MAXIMUM RATINGS (Ta = 25℃ Unless otherwise noted )
Parameter
Symbol
Typical
Unit
Drain-Source Voltage
VDSS
-100
V
Gate-Source Voltage
VGSS
±
20
V
Continuous Drain CurrentTJ=150℃)
TA=25℃
TA=70℃
ID
-1.5
-1.2
A
Pulsed Drain Current
IDM
-4.5
A
Continuous Source Current (Diode Conduction)
IS
-1.0
A
Power Dissipation
TA=25℃
TA=70℃
PD
1.25
0.8
W
Operation Junction Temperature
TJ
150
Storgae Temperature Range
TSTG
-55/150
Thermal Resistance-Junction to Ambient
RθJA
100
/W


Similar Part No. - STP2327

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
STP2301 DGNJDZ-STP2301 Datasheet
524Kb / 6P
   -20V P-Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
STP2301 VBSEMI-STP2301 Datasheet
471Kb / 9P
   P-Channel 20-V (D-S) MOSFET
STP2301S-TRG VBSEMI-STP2301S-TRG Datasheet
472Kb / 9P
   P-Channel 20-V (D-S) MOSFET
logo
List of Unclassifed Man...
STP2301_V1 ETC2-STP2301_V1 Datasheet
371Kb / 7P
   P Channel Enhancement Mode MOSFET
logo
STMicroelectronics
STP23N80K5 STMICROELECTRONICS-STP23N80K5 Datasheet
722Kb / 13P
   N-channel 800 V, 0.23 廓 typ., 16 A MDmesh??K5 Power MOSFET in a TO-220 package
October 2015 Rev 1
More results

Similar Description - STP2327

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com