Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STC4301D Datasheet(PDF) 1 Page - Stanson Technology

Part # STC4301D
Description  N&P Pair Enhancement Mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

STC4301D Datasheet(HTML) 1 Page - Stanson Technology

  STC4301D Datasheet HTML 1Page - Stanson Technology STC4301D Datasheet HTML 2Page - Stanson Technology STC4301D Datasheet HTML 3Page - Stanson Technology STC4301D Datasheet HTML 4Page - Stanson Technology STC4301D Datasheet HTML 5Page - Stanson Technology STC4301D Datasheet HTML 6Page - Stanson Technology STC4301D Datasheet HTML 7Page - Stanson Technology STC4301D Datasheet HTML 8Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
STC4301D
N&P Pair Enhancement Mode MOSFET
23.0A / -20.0A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
Copyright © 2007, Stanson Corp.
STC4301D 2017. V1
DESCRIPTION
The STC4301D is the N & P-Channel enhancement mode power field effect transistor using high cell density
DMOS trench technology. This high density process is especially tailored to minimize on-state resistance
and provide superior switching performance. This device is particularly suited for low voltage application
such as power management, where high-side switching, low in-line power loss and resistance to transient
are needed.
PIN CONFIGURATION
TO252-4L
D1 / D2
PART MARKING
Y
Year
A
Date code
B/C:Process Code
X
Package Code
FEATURE
N-Channel
l
40V/12.0A, RDS(ON) = 25mR
@VGS = 10V
l
40V/10.0A, RDS(ON) = 32mΩ
@VGS = 4.5V
P-Channel
l
-40V/-8.0A, RDS(ON) = 40mΩ
@VGS = -10V
l
-40V/-4.0A, RDS(ON)= 65mΩ
@VGS = - 4.5V
l
Super high density cell design for
extremely low RDS(ON)
l
Exceptional on-resistance and maximum
DC current capability
l
TO252-4L package


Similar Part No. - STC4301D

ManufacturerPart #DatasheetDescription
logo
Suntac Electronic Corp.
STC431 SUNTAC-STC431 Datasheet
258Kb / 5P
   Programmable Voltage Reference
logo
Nanjing International G...
STC4350 DGNJDZ-STC4350 Datasheet
1Mb / 6P
   SOT-89-3L Plastic-Encapsulate Transistors
logo
AUK corp
STC4350F AUK-STC4350F Datasheet
296Kb / 4P
   NPN Silicon Transistor
logo
KODENSHI_AUK CORP.
STC4350F KODENSHI-STC4350F Datasheet
383Kb / 6P
   NPN Silicon Transistor
STC4350F KODENSHI-STC4350F Datasheet
391Kb / 6P
   NPN Silicon Transistor
More results

Similar Description - STC4301D

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPC6605 SYNC-POWER-SPC6605 Datasheet
299Kb / 10P
   N & P Pair Enhancement Mode MOSFET
SPC4533W SYNC-POWER-SPC4533W Datasheet
370Kb / 10P
   N & P Pair Enhancement Mode MOSFET
SPC4533 SYNC-POWER-SPC4533 Datasheet
253Kb / 10P
   N & P Pair Enhancement Mode MOSFET
SPC1810 SYNC-POWER-SPC1810 Datasheet
298Kb / 12P
   N & P Pair Enhancement Mode MOSFET
logo
Stanson Technology
STC4606 STANSON-STC4606 Datasheet
1Mb / 8P
   N&P Pair Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPC4539A SYNC-POWER-SPC4539A Datasheet
308Kb / 11P
   N & P Pair Enhancement Mode MOSFET
SPC6604 SYNC-POWER-SPC6604_14 Datasheet
287Kb / 12P
   N & P Pair Enhancement Mode MOSFET
SPC4539 SYNC-POWER-SPC4539 Datasheet
272Kb / 11P
   N & P Pair Enhancement Mode MOSFET
SPC6601 SYNC-POWER-SPC6601 Datasheet
264Kb / 11P
   N & P Pair Enhancement Mode MOSFET
SPC6602 SYNC-POWER-SPC6602 Datasheet
265Kb / 11P
   N & P Pair Enhancement Mode MOSFET
logo
Stanson Technology
STC6301D STANSON-STC6301D Datasheet
922Kb / 8P
   N&P Pair Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com