Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RRU1LAM4S Datasheet(PDF) 1 Page - Rohm

Part # RRU1LAM4S
Description  Rectifying Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RRU1LAM4S Datasheet(HTML) 1 Page - Rohm

  RRU1LAM4S Datasheet HTML 1Page - Rohm RRU1LAM4S Datasheet HTML 2Page - Rohm RRU1LAM4S Datasheet HTML 3Page - Rohm RRU1LAM4S Datasheet HTML 4Page - Rohm RRU1LAM4S Datasheet HTML 5Page - Rohm RRU1LAM4S Datasheet HTML 6Page - Rohm RRU1LAM4S Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Datasheet
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
Rectifying Diode
RRU1LAM4S
lSeries
lDimensions (Unit : mm)
lLand Size Figure (Unit : mm)
High-speed Rectifier
lApplications
General rectification
lFeatures
lStructure
1) High speed switching
2) High current overload capacity
lTaping Dimensions (Unit : mm)
lConstruction
Silicon diffused junction type
lAbsolute Maximum Ratings (T
l= 25°C)
Repetitive peak reverse voltage
VRM
V
Reverse voltage
VR
V
Junction temperature
Tj
°C
Storage temperature
Tstg
°C
lElectrical Characteristics (T
j= 25°C)
Symbol
Min.
Typ. Max.
Unit
VF
0.8
1.05
1.3
V
Reverse current
IR
-
-
10
mA
Reverse recovery time
trr
-
-
0.4
ms
Thermal resistance
Rth(j-l)
-
-
25
°C/W
Forward voltage
Parameter
A
IFSM
Non-repetitive forward surge current
60Hz half sin wave,
20
A
Average forward rectified current
Io
Glass epoxy board mounted,
60Hz half sin wave, resistive load
Symbol
Limits
Unit
500
Parameter
Conditions
Duty≦0.5
400
150
-55 to +150
Junction to lead
Direct reverse voltage
IF=0.8A
Conditions
non-repetitive at Tj=25ºC
-
-
VR=400V
1
T=110°C
IF=10mA, IR=10mA, Irr=0.1×IR
PMDTM
Anode
Cathode
ROHM : PMDTM
JEDEC : SOD-128
: Manufacture Date
0.95±0.10
0.17±
0.10
0.05
2.50±0.20
1.50±0.20
(1)
(2)
2.0
1/4
2017.04 - Rev.B


Similar Part No. - RRU1LAM4S

ManufacturerPart #DatasheetDescription
logo
Rohm
RRU1LAM4STF ROHM-RRU1LAM4STF Datasheet
762Kb / 7P
   Rectifying Diode
More results

Similar Description - RRU1LAM4S

ManufacturerPart #DatasheetDescription
logo
Rohm
RR2LAM4S ROHM-RR2LAM4S Datasheet
760Kb / 7P
   Rectifying Diode
RR264M-400TR ROHM-RR264M-400TR Datasheet
111Kb / 4P
   Rectifying diode
RR2LAM4STF ROHM-RR2LAM4STF Datasheet
912Kb / 8P
   Rectifying Diode
RR2LAM6STF ROHM-RR2LAM6STF Datasheet
918Kb / 8P
   Rectifying Diode
RR1LAM6S ROHM-RR1LAM6S Datasheet
827Kb / 7P
   Rectifying Diode
RR2LAM6S ROHM-RR2LAM6S Datasheet
761Kb / 7P
   Rectifying Diode
RR264MM-400 ROHM-RR264MM-400 Datasheet
598Kb / 5P
   Rectifying Diode
RR1LAM4S ROHM-RR1LAM4S Datasheet
824Kb / 7P
   Rectifying Diode
RR264MM-400TF ROHM-RR264MM-400TF_16 Datasheet
897Kb / 7P
   Rectifying Diode
RR1LAM6STF ROHM-RR1LAM6STF Datasheet
918Kb / 8P
   Rectifying Diode
RR264M-400 ROHM-RR264M-400 Datasheet
160Kb / 4P
   Rectifying diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com