Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RRU1LAM4S Datasheet(PDF) 4 Page - Rohm

Part # RRU1LAM4S
Description  Rectifying Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RRU1LAM4S Datasheet(HTML) 4 Page - Rohm

  RRU1LAM4S Datasheet HTML 1Page - Rohm RRU1LAM4S Datasheet HTML 2Page - Rohm RRU1LAM4S Datasheet HTML 3Page - Rohm RRU1LAM4S Datasheet HTML 4Page - Rohm RRU1LAM4S Datasheet HTML 5Page - Rohm RRU1LAM4S Datasheet HTML 6Page - Rohm RRU1LAM4S Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
Datasheet
RRU1LAM4S
lElectrical Characteristic Curves
AVERAGE RECTIFIED
FORWARD CURRENT : I
o(A)
I
o-Pf CHARACTERISTICS
0
0.5
1
1.5
2
2.5
3
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
D = 0.1
D = 0.2
half sin wave
D = 0.5
D.C.
T
j = 150°C
4/4
2017.04 - Rev.B


Similar Part No. - RRU1LAM4S

ManufacturerPart #DatasheetDescription
logo
Rohm
RRU1LAM4STF ROHM-RRU1LAM4STF Datasheet
762Kb / 7P
   Rectifying Diode
More results

Similar Description - RRU1LAM4S

ManufacturerPart #DatasheetDescription
logo
Rohm
RR2LAM4S ROHM-RR2LAM4S Datasheet
760Kb / 7P
   Rectifying Diode
RR264M-400TR ROHM-RR264M-400TR Datasheet
111Kb / 4P
   Rectifying diode
RR2LAM4STF ROHM-RR2LAM4STF Datasheet
912Kb / 8P
   Rectifying Diode
RR2LAM6STF ROHM-RR2LAM6STF Datasheet
918Kb / 8P
   Rectifying Diode
RR1LAM6S ROHM-RR1LAM6S Datasheet
827Kb / 7P
   Rectifying Diode
RR2LAM6S ROHM-RR2LAM6S Datasheet
761Kb / 7P
   Rectifying Diode
RR264MM-400 ROHM-RR264MM-400 Datasheet
598Kb / 5P
   Rectifying Diode
RR1LAM4S ROHM-RR1LAM4S Datasheet
824Kb / 7P
   Rectifying Diode
RR264MM-400TF ROHM-RR264MM-400TF_16 Datasheet
897Kb / 7P
   Rectifying Diode
RR1LAM6STF ROHM-RR1LAM6STF Datasheet
918Kb / 8P
   Rectifying Diode
RR264M-400 ROHM-RR264M-400 Datasheet
160Kb / 4P
   Rectifying diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com