Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RR2L4SDD Datasheet(PDF) 1 Page - Rohm

Part # RR2L4SDD
Description  Rectifier Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RR2L4SDD Datasheet(HTML) 1 Page - Rohm

  RR2L4SDD Datasheet HTML 1Page - Rohm RR2L4SDD Datasheet HTML 2Page - Rohm RR2L4SDD Datasheet HTML 3Page - Rohm RR2L4SDD Datasheet HTML 4Page - Rohm RR2L4SDD Datasheet HTML 5Page - Rohm RR2L4SDD Datasheet HTML 6Page - Rohm RR2L4SDD Datasheet HTML 7Page - Rohm RR2L4SDD Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Datasheet
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
Rectifier Diode
RR2L4SDD
AEC-Q101 Qualified
Series
Dimensions (Unit : mm)
Land size figure (Unit : mm)
Standard Rectifier
Application
General rectification
Features
Structure
1) Low forward voltage
2) Small power mold type
(PMDS)
Taping specifications (Unit : mm)
Construction
Absolute maximum ratings (Tl = 25°C)
Unit
Repetitive peak reverse voltage
V
Reverse voltage
V
A
Operating junction temperature
°C
Storage temperature
°C
Electrical characteristics (Tj = 25°C)
Min.
Typ.
Max.
Unit
Forward voltage
-
0.9
1.1
V
Reverse current
-
0.01
10
A
Silicon diffused junction type
150
55 to 150
IFSM
Tj
Tstg
60Hz half sin wave , Non-repetitive at Tj=25°C
Average current
Tl=96°C
VRM
VR
Symbol
Conditions
Duty ≦0.5
VF
IR
Conditions
IF=2A
VR=400V
Parameter
Non-repetitive forward surge current
A
Parameter
60Hz half sin wave , Resistive load
Io
Symbol
Limits
400
400
50
2
Direct voltage
On glass epoxy substrate,
4.0±0.1
2.9±0.1
4.0±0.1
2.0±0.05
φ1.55±0.05
φ1.55
0.3
2.8MAX
1.550.05
1.55
anode
cathode
PMDS
ROHM : PMDS
JEDEC :SOD-106
Manufacture Date
1
2
2.0
0.1±0.02
    0.1
2.6±0.2
2.0±0.2
1.5±0.2
1
9
1
2
1/4
2014.09 - Rev.A


Similar Part No. - RR2L4SDD

ManufacturerPart #DatasheetDescription
logo
Rohm
RR2L4SDD ROHM-RR2L4SDD Datasheet
621Kb / 5P
   Rectifier Diode
More results

Similar Description - RR2L4SDD

ManufacturerPart #DatasheetDescription
logo
Rohm
1SR154-400 ROHM-1SR154-400_1 Datasheet
136Kb / 4P
   Rectifier diode
logo
eupec GmbH
D1481N EUPEC-D1481N Datasheet
217Kb / 8P
   Rectifier Diode
logo
SEMPO ELECTRONIC Limite...
SMDCX-3000 SEMPO-SMDCX-3000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMDCX-2000 SEMPO-SMDCX-2000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMD-12 SEMPO-SMD-12 Datasheet
37Kb / 1P
   Rectifier Diode
SMDCX-300 SEMPO-SMDCX-300 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-400 SEMPO-SMDCX-400 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-500 SEMPO-SMDCX-500 Datasheet
49Kb / 1P
   Rectifier Diode
logo
Semikron International
SK3 SEMIKRON-SK3 Datasheet
317Kb / 3P
   Rectifier Diode
logo
Rohm
1SR139-600 ROHM-1SR139-600 Datasheet
164Kb / 4P
   Rectifier diode
logo
ABB
5SDD33L5500 ABB-5SDD33L5500 Datasheet
829Kb / 6P
   Rectifier Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com