Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPBW03G-03 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # SPBW03G-03
Description  3W SIP Package DC-DC Regulated Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SPBW03G-03 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  SPBW03G-03 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SPBW03G-03 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SPBW03G-03 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. SPBW03G-03 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
■ Model Encoding
SIP8 package with industry standard pinout
4:1 ultrawide input range
Operating temperature range -40 ~ +85℃
No minimum load required
Comply to EN55032 radiated Class A without additional
components
High efficiency up to 85%
Protections: Short circuit (Continuous) / Overload /
Input under voltage
1.5KVDC I/O isolation
Remote ON/OFF control
3 years warranty
■ Features
File Name:SPBW03,DPBW03-SPEC 2017-03-06
■ Applications
■ Description
SP
and DP
series are W isolated and
module type DC-DC converter with SIP
BW03
BW03
3
regulated
8
package. It features international standard pins, a high efficiency up to 8 %,
working temperature
5
wide
range -40~+
, . KVDC I/P-O/P isolation voltage,
85
1 5
compliance to EN55032 radiated Class A without
additional components, continuous-mode short circuit protection, etc. The models account for different
input voltage
and various output voltage, .
/5V/12V/15V
9~36V and 18~75V 4:1 wide input range,
33V
for
single output and ±5V/±12V/±15V
dual outputs, which are suitable for all kinds of systems, uch as
s
for
industrial control, telecommunication field, distributed power architecture, and so on.
Output voltage (3 3 5
5
. / / /
± /± /±
12 15Vdc
12 15Vdc)
Rated wattage
Input voltage (F: 9~36Vdc G: 18~75Vdc)
Series name
- 12
S PBW03 F
S:Single output
D:Dual output
{
3W SIP Package DC-DC Regulated Converter
SPBW03 & DPBW03 series
Telecom datacom system
/
Wireless network
Industrial control facility
Instrument
Analyzer
Detector
Data switch


Similar Part No. - SPBW03G-03

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SPBW06 MEANWELL-SPBW06 Datasheet
119Kb / 5P
   6W SIP Package DC-DC Regulated Converter
SPBW06F-03 MEANWELL-SPBW06F-03 Datasheet
119Kb / 5P
   6W SIP Package DC-DC Regulated Converter
SPBW06F-05 MEANWELL-SPBW06F-05 Datasheet
119Kb / 5P
   6W SIP Package DC-DC Regulated Converter
SPBW06F-12 MEANWELL-SPBW06F-12 Datasheet
119Kb / 5P
   6W SIP Package DC-DC Regulated Converter
SPBW06F-15 MEANWELL-SPBW06F-15 Datasheet
119Kb / 5P
   6W SIP Package DC-DC Regulated Converter
More results

Similar Description - SPBW03G-03

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MA03 MINMAX-MA03_16 Datasheet
551Kb / 4P
   DC/DC CONVERTER 3W, SIP-Package
MCWI03 MINMAX-MCWI03_16 Datasheet
582Kb / 4P
   DC/DC CONVERTER 3W, SIP-Package
MCW03 MINMAX-MCW03_16 Datasheet
601Kb / 4P
   DC/DC CONVERTER 3W, SIP-Package
logo
Mean Well Enterprises C...
SLC03 MEANWELL-SLC03 Datasheet
103Kb / 4P
   3W DIP Package DC-DC Regulated Converter
SCWN03 MEANWELL-SCWN03 Datasheet
106Kb / 4P
   3W DIP Package DC-DC Regulated Converter
SPBW06 MEANWELL-SPBW06 Datasheet
119Kb / 5P
   6W SIP Package DC-DC Regulated Converter
SPB09 MEANWELL-SPB09 Datasheet
118Kb / 5P
   9W SIP Package DC-DC Regulated Converter
SPAN02 MEANWELL-SPAN02 Datasheet
108Kb / 4P
   2W SIP Package DC-DC Regulated Converter
SPRN01 MEANWELL-SPRN01 Datasheet
101Kb / 4P
   1W SIP Package DC-DC Regulated Converter
logo
MORNSUN Science& Techno...
URD480505S-3WR3 MORNSUN-URD480505S-3WR3 Datasheet
715Kb / 4P
   3W, Ultra wide input, dual isolated & regulated dual output, SIP package, DC-DC converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com