Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UHP-200 Datasheet(PDF) 6 Page - Mean Well Enterprises Co., Ltd.

Part # UHP-200
Description  200W Slim Type with PFC Switching Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

UHP-200 Datasheet(HTML) 6 Page - Mean Well Enterprises Co., Ltd.

  UHP-200 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. UHP-200 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. UHP-200 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. UHP-200 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. UHP-200 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. UHP-200 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
File Name:UHP-200-SPEC 2017-08-23
Installation
UHP-200 series
200W Slim Type with PFC Switching Power Supply
1
2
3
4
1
2
3
VR
5cm
5cm
300
300
M3*4
1.Operate with additional aluminum plate
on the bottom.The size of the suggested aluminum plate is shown as below. And for optimizing thermal performance, the aluminum plate must have an even and
smooth surface (or coated with thermal grease), and UHP-200 series must be firmly mounted at the center of the aluminum plate.
In order to meet the“Derating Curve”and the “Static Characteristics” ,UHP-200 series must be installed onto an aluminum plate(or the cabinet of the same size)
unit:mm
2.For heat dissipation, at least 5cm installation distance around the PSU should be kept, shown as below:


Similar Part No. - UHP-200

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
UHP-200A MEANWELL-UHP-200A Datasheet
153Kb / 5P
   200W Single Output with PFC Function
UHP-200A-4.2 MEANWELL-UHP-200A-4.2 Datasheet
153Kb / 5P
   200W Single Output with PFC Function
UHP-200A-4.5 MEANWELL-UHP-200A-4.5 Datasheet
153Kb / 5P
   200W Single Output with PFC Function
UHP-200A-5 MEANWELL-UHP-200A-5 Datasheet
153Kb / 5P
   200W Single Output with PFC Function
More results

Similar Description - UHP-200

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
UHP-350 MEANWELL-UHP-350 Datasheet
237Kb / 6P
   350W Slim Type with PFC Switching Power Supply
UHP-1000 MEANWELL-UHP-1000 Datasheet
333Kb / 8P
   1000W Slim Type with PFC Switching Supply
UHP-500 MEANWELL-UHP-500 Datasheet
235Kb / 6P
   500W Slim Type with PFC Switching Supply
UHP-750 MEANWELL-UHP-750 Datasheet
312Kb / 5P
   750W Slim Type with PFC Switching Supply
logo
FSP TECHNOLOGY INC.
FSP057-2FS01 FSP-FSP057-2FS01 Datasheet
178Kb / 1P
   Slim type power supply with LED Driver
FSP202-4FS01 FSP-FSP202-4FS01 Datasheet
206Kb / 1P
   Slim type power supply with LED Driver
logo
Total Power Internation...
NES-200 TOTAL-POWER-NES-200 Datasheet
54Kb / 1P
   200W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
NES-200 MEANWELL-NES-200_12 Datasheet
297Kb / 2P
   200W Single Output Switching Power Supply
ERP-200 MEANWELL-ERP-200 Datasheet
521Kb / 5P
   200W Single Output Switching Power Supply
NES-200 MEANWELL-NES-200 Datasheet
293Kb / 2P
   200W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com