Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPAN02B-03 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # SPAN02B-03
Description  2W SIP Package DC-DC Regulated Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SPAN02B-03 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  SPAN02B-03 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SPAN02B-03 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SPAN02B-03 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. SPAN02B-03 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2W SIP Package DC-DC Regulated Converter
■ Description
SP
0 and DP
0 series are W isolated and
module type DC-DC converter with SIP
AN 2
AN 2
2
regulated
8
package. It features international standard pins, a high efficiency up to 8 %,
working temperature
5
wide
range -40~+
, . KVDC I/P-O/P isolation voltage, compliance to
without
90
1 5
EN55032 radiated class A
additional component , overload and continuous-mode short circuit protection, etc. The models account for
s
different input voltage
and various output
4.5~9V, 9~18V, 18~36V and 36~75V 2:1 wide input range,
voltage, 5V/12V/15V
single output and ±5V/±12V/±15V
dual outputs, which are suitable for
for
for
all kinds of systems,
uch as industrial control, telecommunication field, distributed power
s
architecture, and so on.
■ Model Encoding
SIP8 package with industry standard pinout
2:1 wide input range
Operating temperature range -40 ~ +90℃
No minimum load required
Comply to EN55032 radiated Class A without additional
components
High efficiency up to 85%
Protections: Short circuit (Continuous) / Overload
1.5KVDC I/O isolation
Remote ON/OFF control
3 years warranty
■ Features
SPAN02 & DPAN02 series
File Name:SPAN02,DPAN02-SPEC 2017-03-06
■ Applications
Output voltage (
5
5/12/15V
± /± /±
dc
12 15Vdc)
Rated wattage
Input voltage (
)
E: 4.5~9Vdc A: 9~18Vdc B: 18~36Vdc C: 36~75Vdc
,,
Series name
- 12
S PAN02 E
S:Single output
D:Dual output
{
Telecom datacom system
/
Wireless network
Industrial control facility
Instrument
Analyzer
Detector
Data switch


Similar Part No. - SPAN02B-03

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
SPAN-B-B11R-G18FPM-PN-L1 FESTO-SPAN-B-B11R-G18FPM-PN-L1 Datasheet
79Kb / 2P
   Pressure sensor
SPAN-B-B11R-G18M-PN-L1 FESTO-SPAN-B-B11R-G18M-PN-L1 Datasheet
79Kb / 2P
   Pressure sensor
SPAN-B-B11R-M5FAL-PN-L1 FESTO-SPAN-B-B11R-M5FAL-PN-L1 Datasheet
78Kb / 2P
   Pressure sensor
SPAN-B-B11R-Q4-PN-L1 FESTO-SPAN-B-B11R-Q4-PN-L1 Datasheet
77Kb / 2P
   Pressure sensor
SPAN-B-B11R-R18M-PN-L1 FESTO-SPAN-B-B11R-R18M-PN-L1 Datasheet
79Kb / 2P
   Pressure sensor
More results

Similar Description - SPAN02B-03

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PC02S DELTA-PC02S Datasheet
205Kb / 4P
   2W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MCWI02 MINMAX-MCWI02_16 Datasheet
635Kb / 4P
   DC/DC CONVERTER 2W, SIP-Package
logo
Delta Electronics, Inc.
PG02S DELTA-PG02S_14 Datasheet
280Kb / 6P
   2W DC/DC CONVERTER, SIP-Package
PG02S DELTA-PG02S Datasheet
332Kb / 5P
   2W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MAU300 MINMAX-MAU300_16 Datasheet
665Kb / 4P
   DC/DC CONVERTER 2W, SIP-Package
MCW1000 MINMAX-MCW1000_16 Datasheet
565Kb / 4P
   DC/DC CONVERTER 2W, SIP-Package
logo
Mean Well Enterprises C...
SPBW06 MEANWELL-SPBW06 Datasheet
119Kb / 5P
   6W SIP Package DC-DC Regulated Converter
SPB09 MEANWELL-SPB09 Datasheet
118Kb / 5P
   9W SIP Package DC-DC Regulated Converter
SPBW03 MEANWELL-SPBW03 Datasheet
116Kb / 4P
   3W SIP Package DC-DC Regulated Converter
SPRN01 MEANWELL-SPRN01 Datasheet
101Kb / 4P
   1W SIP Package DC-DC Regulated Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com