Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVG-480-42A Datasheet(PDF) 5 Page - Mean Well Enterprises Co., Ltd.

Part # HVG-480-42A
Description  480W Constant Voltage Constant Current LED Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HVG-480-42A Datasheet(HTML) 5 Page - Mean Well Enterprises Co., Ltd.

  HVG-480-42A Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HVG-480-42A Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HVG-480-42A Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. HVG-480-42A Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. HVG-480-42A Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. HVG-480-42A Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. HVG-480-42A Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd. HVG-480-42A Datasheet HTML 8Page - Mean Well Enterprises Co., Ltd. HVG-480-42A Datasheet HTML 9Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
480W Constant Voltage + Constant Current LED Driver
HVG-480 series
File Name:HVG-480-SPEC 2017-04-21
※ Smart timer dimming function (for Dxx-Type by User definition)
MEAN WELL Smart timer dimming primarily provides the adaptive proportion dimming profile for the output constant current level to perform up to 14
consecutive hours. 3 dimming profiles hereunder are defined accounting for the most frequently seen applications. If other options may be needed,
please contact MEAN WELL for details.
Ex :
D01-Type: the profile recommended for residential lighting
Ex:
D02-Type: the profile recommended for street lighting
**: TIME matches Operating Time in the diagram whereas LEVEL matches Dimming Level.
Example: If a residential lighting application adopts D01-Type, when turning on the power supply at 6:00pm, for instance:
[1] The power supply will switch to the constant current level at 100% starting from 6:00pm.
[2] The power supply will switch to the constant current level at 70% in turn, starting from 0:00am, which is 06:00 after the power supply turns on.
[3] The power supply will switch to the constant current level at 50% in turn, starting from 1:00am, which is 07:00 after the power supply turns on.
[4] The power supply will switch to the constant current level at 70% in turn, starting from 5:00am, which is 11:00 after the power supply turns on.
The constant current level remains till 8:00am, which is 14:00 after the power supply turns on.
**: TIME matches Operating Time in the diagram whereas LEVEL matches Dimming Level.
Example: If a street lighting application adopts D02-Type, when turning on the power supply at 5:00pm, for instance:
[1] The power supply will switch to the constant current level at 50% starting from 5:00pm.
[2] The power supply will switch to the constant current level at 80% in turn, starting from 6:00pm, which is 01:00 after the power supply turns on.
[3] The power supply will switch to the constant current level at 100% in turn, starting from 8:00pm, which is 03:00 after the power supply turns on.
[4] The power supply will switch to the constant current level at 60% in turn, starting from 1:00am, which is 08:00 after the power supply turns on.
[5] The power supply will switch to the constant current level at 80% in turn, starting from 4:00am, which is 11:00 after the power supply turns on. The
constant current level remains till 6:30am, which is 14:00 after the power supply turns on.
Set up for D01-Type in Smart timer dimming software program:
Set up for D02-Type in Smart timer dimming software program:
TIME**
TIME**
06:00
01:00
T1
T1
T2
T2
T3
T3
T4
T4
T5
07:00
03:00
11:00
8:00
11:00
---
---
LEVEL**
LEVEL**
100%
70%
80%
50%
50%
100%
70%
60%
80%
Operating Time(HH:MM)
Operating Time(HH:MM)


Similar Part No. - HVG-480-42A

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HVG-100 MEANWELL-HVG-100 Datasheet
318Kb / 6P
   100W Single Output Switching Power Supply
HVG-100 MEANWELL-HVG-100 Datasheet
323Kb / 6P
   100W Single Output Switching Power Supply
HVG-100-15 MEANWELL-HVG-100-15 Datasheet
318Kb / 6P
   100W Single Output Switching Power Supply
HVG-100-15 MEANWELL-HVG-100-15 Datasheet
323Kb / 6P
   100W Single Output Switching Power Supply
HVG-100-20 MEANWELL-HVG-100-20 Datasheet
318Kb / 6P
   100W Single Output Switching Power Supply
More results

Similar Description - HVG-480-42A

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-480H MEANWELL-HLG-480H_18 Datasheet
349Kb / 14P
   480W Constant Voltage Constant Current LED Driver
HLG-480H-C MEANWELL-HLG-480H-C Datasheet
304Kb / 10P
   480W Constant Current Mode LED Driver
HBG-160 MEANWELL-HBG-160_19 Datasheet
2Mb / 9P
   160W Constant Voltage Constant Current LED Driver
LPF-25 MEANWELL-LPF-25 Datasheet
537Kb / 6P
   25W Constant Voltage Constant Current LED Driver
ELG-300-24A MEANWELL-ELG-300-24A Datasheet
117Kb / 6P
   300W Constant Voltage Constant Current LED Driver
ELG-300 MEANWELL-ELG-300 Datasheet
535Kb / 6P
   300W Constant Voltage Constant Current LED Driver
HBG-200 MEANWELL-HBG-200 Datasheet
1Mb / 10P
   200W Constant Voltage Constant Current LED Driver
HVG-320 MEANWELL-HVG-320 Datasheet
139Kb / 7P
   320W Constant Voltage Constant Current LED Driver
HVG-240 MEANWELL-HVG-240 Datasheet
131Kb / 6P
   240W Constant Voltage Constant Current LED Driver
HBG-200 MEANWELL-HBG-200_19 Datasheet
2Mb / 9P
   200W Constant Voltage Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com