Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKMW30 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # SKMW30
Description  30W 1x1 Package DC-DC Regulated Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SKMW30 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  SKMW30 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SKMW30 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SKMW30 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. SKMW30 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL SELECTION TABLE
ORDER NO.
INPUT
OUTPUT
INPUT CURRENT
OUTPUT
VOLTAGE
EFFICIENCY
(TYP.)
CAPACITOR LOAD
(MAX.)
OUTPUT
CURRENT
NO LOAD
FULL LOAD
INPUT VOLTAGE
(RANGE)
SKMW30F-03
SKMW30G-03
SKMW30F-05
SKMW30G-05
SKMW30F-12
SKMW30G-12
SKMW30F-15
SKMW30G-15
DKMW30F-12
DKMW30G-12
DKMW30F-15
DKMW30G-15
24V
(9 ~ 36V)
48V
(18 ~ 75V)
3.3V
3.3V
5V
5V
12V
12V
15V
15V
12V
±
12V
±
15V
±
15V
±
1172mA
702mA
1400mA
590mA
1404mA
700mA
1404mA
700mA
1425mA
702mA
1425mA
710mA
10mA
10mA
10mA
10mA
10mA
10mA
8mA
8mA
8mA
8mA
8mA
8mA
0~7500mA
0~7500mA
0~6000mA
0~6000mA
0~2500mA
0~2500mA
0~2000mA
0~2000mA
0 ~ 1250mA
±
0 ~ 1250mA
±
0 ~1000mA
±
0 ~1000mA
±
88%
89%
90%
88%
89%
90%
89%
89%
87%
89%
88%
88%
7500 F
μ
7500 F
μ
6000 F
μ
6000 F
μ
2500 F
μ
2500 F
μ
2000 F
μ
2000 F
μ
*1250 F
μ
*1250 F
μ
*1000 F
μ
*1000 F
μ
File Name:SKMW30,DKMW30-SPEC 2017-03-06
30W 1"x1" Package DC-DC Regulated Converter
SKMW30 & DKMW30 series
* For each output


Similar Part No. - SKMW30

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SKMW20 MEANWELL-SKMW20 Datasheet
106Kb / 4P
   200W DC-DC Regulated Converter
SKMW20F-03 MEANWELL-SKMW20F-03 Datasheet
106Kb / 4P
   200W DC-DC Regulated Converter
SKMW20F-05 MEANWELL-SKMW20F-05 Datasheet
106Kb / 4P
   200W DC-DC Regulated Converter
SKMW20F-12 MEANWELL-SKMW20F-12 Datasheet
106Kb / 4P
   200W DC-DC Regulated Converter
SKMW20F-15 MEANWELL-SKMW20F-15 Datasheet
106Kb / 4P
   200W DC-DC Regulated Converter
More results

Similar Description - SKMW30

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SKM30-N MEANWELL-SKM30-N Datasheet
147Kb / 7P
   30W 2"x1" Package DC-DC Regulated Converter
2022-12-01
SKM30 MEANWELL-SKM30_12 Datasheet
197Kb / 1P
   30W DC-DC Regulated Single Output Converter
SPBW06 MEANWELL-SPBW06 Datasheet
119Kb / 5P
   6W SIP Package DC-DC Regulated Converter
SPB09 MEANWELL-SPB09 Datasheet
118Kb / 5P
   9W SIP Package DC-DC Regulated Converter
SPBW03 MEANWELL-SPBW03 Datasheet
116Kb / 4P
   3W SIP Package DC-DC Regulated Converter
SPAN02 MEANWELL-SPAN02 Datasheet
108Kb / 4P
   2W SIP Package DC-DC Regulated Converter
SLC03 MEANWELL-SLC03 Datasheet
103Kb / 4P
   3W DIP Package DC-DC Regulated Converter
SCWN03 MEANWELL-SCWN03 Datasheet
106Kb / 4P
   3W DIP Package DC-DC Regulated Converter
SCW20 MEANWELL-SCW20 Datasheet
111Kb / 5P
   20W DIP Package DC-DC Regulated Converter
SCWN06 MEANWELL-SCWN06 Datasheet
106Kb / 4P
   6W DIP Package DC-DC Regulated Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com