Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVG-480-36A Datasheet(PDF) 7 Page - Mean Well Enterprises Co., Ltd.

Part # HVG-480-36A
Description  480W Constant Voltage Constant Current LED Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HVG-480-36A Datasheet(HTML) 7 Page - Mean Well Enterprises Co., Ltd.

  HVG-480-36A Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HVG-480-36A Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HVG-480-36A Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. HVG-480-36A Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. HVG-480-36A Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. HVG-480-36A Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. HVG-480-36A Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd. HVG-480-36A Datasheet HTML 8Page - Mean Well Enterprises Co., Ltd. HVG-480-36A Datasheet HTML 9Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
0
5
10
15
20
25
30
35
10% 20% 30% 40% 50% 60% 70% 80% 90% 100%
480VAC
347VAC
277VAC
230VAC
75
80
85
90
95
100
10% 20% 30% 40% 50% 60% 70% 80% 90% 100%
480VAC
347VAC
277VAC
230VAC
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
10% 20% 30% 40% 50% 60% 70% 80% 90% 100%
480VAC
347VAC
277VAC
230VAC
File Name:HVG-480-SPEC 2017-04-21
480W Constant Voltage + Constant Current LED Driver
HVG-480 series
LOAD
(480W)
OUTPUT LOAD vs TEMPERATURE
STATIC CHARACTERISTIC
TOTAL HARMONIC DISTORTION (THD)
POWER FACTOR (PF) CHARACTERISTIC
Tcase (
)
(HORIZONTAL)
EFFICIENCY vs LOAD
HVGC-480 series possess superior working efficiency that up to 95% can
be reached in field applications.
-40
-25
0
204555657585
20
40
60
80
100
※ 54V Model, Tcase at 80
※ Tcase at 80
LOAD
INPUT VOLTAGE (V) 60Hz
180
347
480
528
100
90
80
70
60
50
40
440
Constant Current Mode
※ 54V Model, Tcase at 80
LOAD
AMBIENT TEMPERATURE,Ta (
)
-40
-25
-10
0
15
30
50 55 60 65 70
20
40
60
80
100
(HORIZONTAL)
180VAC
230VAC
Above 277VAC
If HVG-480 operates in Constant Current mode with the rated
current, the maximum workable Ta is 55
℃(Typ. 230VAC)


Similar Part No. - HVG-480-36A

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HVG-100 MEANWELL-HVG-100 Datasheet
318Kb / 6P
   100W Single Output Switching Power Supply
HVG-100 MEANWELL-HVG-100 Datasheet
323Kb / 6P
   100W Single Output Switching Power Supply
HVG-100-15 MEANWELL-HVG-100-15 Datasheet
318Kb / 6P
   100W Single Output Switching Power Supply
HVG-100-15 MEANWELL-HVG-100-15 Datasheet
323Kb / 6P
   100W Single Output Switching Power Supply
HVG-100-20 MEANWELL-HVG-100-20 Datasheet
318Kb / 6P
   100W Single Output Switching Power Supply
More results

Similar Description - HVG-480-36A

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-480H MEANWELL-HLG-480H_18 Datasheet
349Kb / 14P
   480W Constant Voltage Constant Current LED Driver
HLG-480H-C MEANWELL-HLG-480H-C Datasheet
304Kb / 10P
   480W Constant Current Mode LED Driver
HBG-160 MEANWELL-HBG-160_19 Datasheet
2Mb / 9P
   160W Constant Voltage Constant Current LED Driver
LPF-25 MEANWELL-LPF-25 Datasheet
537Kb / 6P
   25W Constant Voltage Constant Current LED Driver
ELG-300-24A MEANWELL-ELG-300-24A Datasheet
117Kb / 6P
   300W Constant Voltage Constant Current LED Driver
ELG-300 MEANWELL-ELG-300 Datasheet
535Kb / 6P
   300W Constant Voltage Constant Current LED Driver
HBG-200 MEANWELL-HBG-200 Datasheet
1Mb / 10P
   200W Constant Voltage Constant Current LED Driver
HVG-320 MEANWELL-HVG-320 Datasheet
139Kb / 7P
   320W Constant Voltage Constant Current LED Driver
HVG-240 MEANWELL-HVG-240 Datasheet
131Kb / 6P
   240W Constant Voltage Constant Current LED Driver
HBG-200 MEANWELL-HBG-200_19 Datasheet
2Mb / 9P
   200W Constant Voltage Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com