Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM89-1CIMMX Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM89-1CIMMX
Description  짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM89-1CIMMX Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM89-1CIMMX Datasheet HTML 7Page - National Semiconductor (TI) LM89-1CIMMX Datasheet HTML 8Page - National Semiconductor (TI) LM89-1CIMMX Datasheet HTML 9Page - National Semiconductor (TI) LM89-1CIMMX Datasheet HTML 10Page - National Semiconductor (TI) LM89-1CIMMX Datasheet HTML 11Page - National Semiconductor (TI) LM89-1CIMMX Datasheet HTML 12Page - National Semiconductor (TI) LM89-1CIMMX Datasheet HTML 13Page - National Semiconductor (TI) LM89-1CIMMX Datasheet HTML 14Page - National Semiconductor (TI) LM89-1CIMMX Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
1.0 Functional Description (Continued)
1.9.1 SMBus Timing Diagrams
1.10 SERIAL INTERFACE RESET
In the event that the SMBus Master is RESET while the
LM89 is transmitting on the SMBData line, the LM89 must be
returned to a known state in the communication protocol.
This may be done in one of two ways:
1.
When SMBData is LOW, the LM89 SMBus state ma-
chine resets to the SMBus idle state if either SMBData
or SMBCLK are held low for more than 35ms (t
TIMEOUT).
Note that according to SMBus specification 2.0 all de-
vices are to timeout when either the SMBCLK or SMB-
Data lines are held low for 25-35ms. Therefore, to insure
a timeout of all devices on the bus the SMBCLK or
SMBData lines must be held low for at least 35ms.
2.
When SMBData is HIGH, have the master initiate an
SMBus start. The LM89 will respond properly to an
SMBus start condition at any point during the communi-
cation. After the start the LM89 will expect an SMBus
Address address byte.
1.11 DIGITAL FILTER
In order to suppress erroneous remote temperature readings
due to noise, the LM89 incorporates a user-configured digital
filter. The filter is accessed in the FILTER and ALERT CON-
LM89 Timing Diagram
20041510
(a) Serial Bus Write to the internal Command Register followed by a the Data Byte
20041511
(b) Serial Bus Write to the Internal Command Register
20041512
(c) Serial Bus Read from a Register with the Internal Command Register preset to desired value.
FIGURE 7. SMBus Timing Diagrams
www.national.com
11


Similar Part No. - LM89-1CIMMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM89-1CIMMX/NOPB TI-LM89-1CIMMX/NOPB Datasheet
1Mb / 37P
[Old version datasheet]   Accurate, Remote Diode And Local Digital Temperature Sensor With Two-Wire Interface
More results

Similar Description - LM89-1CIMMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM86 NSC-LM86 Datasheet
414Kb / 21P
   짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM86 TI1-LM86 Datasheet
1Mb / 33P
[Old version datasheet]   짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
LM86 TI-LM86_15 Datasheet
1Mb / 34P
[Old version datasheet]   짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
LM89 TI-LM89 Datasheet
1Mb / 37P
[Old version datasheet]   Accurate, Remote Diode And Local Digital Temperature Sensor With Two-Wire Interface
LM90 TI-LM90_15 Datasheet
1Mb / 32P
[Old version datasheet]   Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
National Semiconductor ...
LM82 NSC-LM82_04 Datasheet
358Kb / 17P
   Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM82 NSC-LM82 Datasheet
341Kb / 17P
   Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM82 TI-LM82_15 Datasheet
713Kb / 25P
[Old version datasheet]   Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
National Semiconductor ...
LM90 NSC-LM90 Datasheet
384Kb / 20P
   3 Degree Celcious Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM99 NSC-LM99 Datasheet
349Kb / 20P
   짹1C Accurate, High Temperature, Remote Diode Temperature Sensor with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com