Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEP-480 Datasheet(PDF) 5 Page - Mean Well Enterprises Co., Ltd.

Part # HEP-480
Description  480W Single Output Switching Power Supply
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HEP-480 Datasheet(HTML) 5 Page - Mean Well Enterprises Co., Ltd.

  HEP-480 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HEP-480 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HEP-480 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. HEP-480 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. HEP-480 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SJOW 17AWG 3C / H05RN-F 3G 1.0mm
×
2
SJOW 17AWG 3C / H05RN-F 3G 1.0mm
×
2
SJOW 17AWG
2C / H05RN-F 1.0mm
×
2
SJOW 17AWG
2C / H05RN-F 1.0mm
×
2
SJOW 17AWG
2C / H05RN-F 1.0mm
×
2
113.8
113.8
tc
tc
FG
(Green/Yellow)
FG
(Green/Yellow)
AC/L(Brown)
AC/L(Brown)
AC/N(Blue)
AC/N(Blue)
300
20
±
300
20
±
ψ×
4.5 4PL
ψ×
4.5 4PL
300
20
±
300
20
±
: Max. Case Temperature
: Max. Case Temperature
tc
tc
8.9
8.9
13.4
13.4
235.2
235.2
262
262
Vo-(Blue)
Vo+(Brown)
Vo-(Blue)
Vo-(Blue)
Vo+(Brown)
Vo+(Brown)
INSTALLATION MANUAL
Please refer to : http://www.meanwell.com/manual.html
480W Single Output Switching Power Supply
HEP-480 series
File Name:HEP-480-SPEC 2017-07-14
Blank-Type (optional model)
For 24V,36V
For Others


Similar Part No. - HEP-480

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HEP-100 MEANWELL-HEP-100 Datasheet
88Kb / 4P
   100W Single Output Switching Power Supply
HEP-100-12-A MEANWELL-HEP-100-12-A Datasheet
88Kb / 4P
   100W Single Output Switching Power Supply
HEP-1000 MEANWELL-HEP-1000 Datasheet
229Kb / 7P
   1000W Switching Power Supply for Harsh Environment
HEP-1000-100 MEANWELL-HEP-1000-100 Datasheet
229Kb / 7P
   1000W Switching Power Supply for Harsh Environment
HEP-1000-24 MEANWELL-HEP-1000-24 Datasheet
229Kb / 7P
   1000W Switching Power Supply for Harsh Environment
More results

Similar Description - HEP-480

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
WDR-480_1111 MEANWELL-WDR-480_1111 Datasheet
268Kb / 3P
   480W Single Output Industrial DIN RAIL Power Supply
WDR-480 MEANWELL-WDR-480 Datasheet
268Kb / 3P
   480W Single Output Industrial DIN RAIL Power Supply
logo
Total Power Internation...
WDR-480 TOTAL-POWER-WDR-480 Datasheet
381Kb / 3P
   480W Single Output Industrial DIN RAIL Power Supply
logo
Altech corporation
PSP480 ALTECH-PSP480 Datasheet
164Kb / 1P
   480W Single Output DIN Rail Power Supply PSP-480 Series
logo
CUI INC
VSBU-120 CUI-VSBU-120 Datasheet
212Kb / 3P
   Single Output Switching Power Supply
VSBU-150 CUI-VSBU-150 Datasheet
194Kb / 3P
   single output switching power supply
logo
Phihong USA Inc.
PSA-50U-120 PHIHONG-PSA-50U-120 Datasheet
199Kb / 2P
   Single Output Switching Power Supply
logo
Mean Well Enterprises C...
HLG-120H-48A MEANWELL-HLG-120H-48A Datasheet
187Kb / 7P
   120W Single Output Switching Power Supply
LRS-150F MEANWELL-LRS-150F Datasheet
114Kb / 4P
   150W Single Output Switching Power Supply
LRS-200 MEANWELL-LRS-200 Datasheet
99Kb / 4P
   200W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com