Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

811-SS-002-30-003101 Datasheet(PDF) 1 Page - Precid-Dip Durtal SA

Part No. 811-SS-002-30-003101
Description  SPRING-LOADED CONNECTORS & PAD CONNECTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREDIP [Precid-Dip Durtal SA]
Direct Link  http://www.precidip.com
Logo PREDIP - Precid-Dip Durtal SA

811-SS-002-30-003101 Datasheet(HTML) 1 Page - Precid-Dip Durtal SA

  811-SS-002-30-003101 Datasheet HTML 1Page - Precid-Dip Durtal SA 811-SS-002-30-003101 Datasheet HTML 2Page - Precid-Dip Durtal SA 811-SS-002-30-003101 Datasheet HTML 3Page - Precid-Dip Durtal SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPRING-LOADED CONNECTORS & PAD CONNECTORS
SERIES
811
811-SS-NNN-30-XXX101
Single Row
2.54 mm, Surface mount perpendicular
Basic modular connectors with spring-loaded contacts
(SLC), surface mount.Contacts with hollow piston design
for low profile.
TECHNICAL SPECS.:
Flammability
UL 94V-O
Piston and barrel
Brass CuZn36Pb3 (C36000)
Spring
Stainless steel X12 CrNi177, DIN 17224
Max. stroke
1.4 mm (1.15 mm for 811-...-001101)
Forces initial
0.25 N
Forces initial at 1/2 stroke
0.6 N
Mechanical life
100'000 cycles
Max. operating current
3.5 A
Contact resistance
15 m (static measurement, halfway position)
Coplanarity SMD terminations
Max. 0.1 mm (measured on 25 mm long connectors)
Plating
Gold 0.5 µm barrel and piston
ORDERING INFORMATION:
Initial height A (mm)
Height plastic body B (mm)
XXX code
4.5
2.95
001
5
2.95
002
5.5
2.95
003
6
4
004
6.5
4
005
7
4
006
7.5
4
007
NNN number of poles. Replace NNN
with the requested number of poles,
e.g. 811-SS-NNN-30-002101 for a
single row version with 16 pins
PRECI-DIP SA
Rue Saint-Henri 11
P.P.Box 834
CH-2800 Delémont / Switzerland
PHONE
+41 (0)32 421 04 00
FAX
+41 (0)32 421 04 01
E-MAIL
sales@precidip.com
www.precidip.com


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn