Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENP-360-48 Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part # ENP-360-48
Description  360W Level VIDesktop Type Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

ENP-360-48 Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  ENP-360-48 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. ENP-360-48 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. ENP-360-48 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. ENP-360-48 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Mechanical Specification
Case No. 252
Unit:mm
SWITCH
47.5
192
2 M3 L=5
-
45.5
4.3
INLET
VR
TB1
1
2
3
4
LED
Terminal Pin No. Assignment (TB1):
Pin No.
1,2
3,4
Assignment
+V
-V
Installation Manual
Please refer to : http://www.meanwell.com/manual.html
File Name:ENP-360-SPEC 2017-05-22
360W Level
Desktop Type Power Supply
ENP-360 series


Similar Part No. - ENP-360-48

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ENP-0800 ETC2-ENP-0800 Datasheet
144Kb / 11P
   Specification describes the requirements of 125/150/160Watts switching Power supply
logo
Mean Well Enterprises C...
ENP-120 MEANWELL-ENP-120 Datasheet
101Kb / 4P
   120W Level ?쩊esktop Type Power Supply
ENP-120-12 MEANWELL-ENP-120-12 Datasheet
101Kb / 4P
   120W Level ?쩊esktop Type Power Supply
ENP-120-24 MEANWELL-ENP-120-24 Datasheet
101Kb / 4P
   120W Level ?쩊esktop Type Power Supply
ENP-120-48 MEANWELL-ENP-120-48 Datasheet
101Kb / 4P
   120W Level ?쩊esktop Type Power Supply
More results

Similar Description - ENP-360-48

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPR-360-XS TOPPOWER-TPR-360-XS Datasheet
1Mb / 6P
   360W AC-DC DIN RAIL Power Supply
logo
GAPTEC Electronic GmbH ...
360ACMOP GAPTEC-360ACMOP Datasheet
1Mb / 4P
   360W - Open Frame Type Switching Power Supply - Universal Input - Isolated & Regulated
logo
Mean Well Enterprises C...
ENP-240 MEANWELL-ENP-240 Datasheet
102Kb / 4P
   240W Level Desktop Type Power Supply
ENP-120 MEANWELL-ENP-120 Datasheet
101Kb / 4P
   120W Level ?쩊esktop Type Power Supply
ENP-180 MEANWELL-ENP-180 Datasheet
103Kb / 4P
   180W Level Desktop Type Power Supply
ENC-360 MEANWELL-ENC-360 Datasheet
102Kb / 5P
   360W Programmable Desktop Type Battery Charger
logo
Delta Electronics, Inc.
E48SC12030 DELTA-E48SC12030 Datasheet
1Mb / 27P
   360W DC/DC Power Modules
logo
Tumbler Technologies + ...
TW360 TRUMPOWER-TW360 Datasheet
1Mb / 4P
   360W ITE Grade AC/DC Power Supplies
TWM360 TRUMPOWER-TWM360 Datasheet
1Mb / 4P
   360W Medical Grade AC/DC Power Supplies
logo
Linear Technology
LTC1555L LINER-LTC1555L_15 Datasheet
142Kb / 8P
   SIM Power Supply and Level Translator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com