Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENP-240-12 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # ENP-240-12
Description  240W Level Desktop Type Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

ENP-240-12 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  ENP-240-12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. ENP-240-12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. ENP-240-12 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. ENP-240-12 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Universal AC input / Full range
Built-in active PFC function
Energy efficiency Level
No load power consumption <0.15W
Comply with EISA 2007/DoE, NRCan and EU ErP
125% peak load capability
Fanless design, cooling by free air convection
Protection: Short circuit / Overload / Over voltage /
Over temperature
3 years warranty
■ Features
■ Applications
■ Model Encoding
■ Description
Nominal voltage
Series name
ENP
-
- 240 24
Rated wattage
ENP-240 series
File Name:ENP-240-SPEC 2017-02-13
240W Level
Desktop Type Power Supply
UL60950-1
IEC60950-1
Land mobile radio system
Surveillance system
TV antenna facility
ENP-240 series is a 240W desktop type power supply working perfectly for communication related
applications. Observing the standard 7” width size in the land mobile radio field, it provides the most
frequently used voltage in the communication field. With the rugged mechanical design along with the
high efficiency circuitry, it operates for the ambient temperature range -30 ~+70 under free air convection.
℃℃


Similar Part No. - ENP-240-12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ENP-2120A ETC2-ENP-2120A Datasheet
81Kb / 1P
   SFX12V Pentium 4 Compliant
ENP-2120D ETC2-ENP-2120D Datasheet
91Kb / 1P
   SFX12V Pentium 4 Compliant
ENP-2320 ETC2-ENP-2320 Datasheet
251Kb / 2P
   Over Voltage Protection
ENP-2322B ETC2-ENP-2322B Datasheet
446Kb / 2P
   Over Voltage Protection
ENP-2322C ETC2-ENP-2322C Datasheet
458Kb / 2P
   FLEX-ATX / TFX12V Compliant
More results

Similar Description - ENP-240-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ENP-180 MEANWELL-ENP-180 Datasheet
103Kb / 4P
   180W Level Desktop Type Power Supply
ENC-240 MEANWELL-ENC-240 Datasheet
107Kb / 5P
   240W Programmable Desktop Type Battery Charger
HBG-240 MEANWELL-HBG-240 Datasheet
3Mb / 4P
   240W Output Switching Power Supply
logo
Carlo Gavazzi Holding A...
SPD242401B CARLOGAVAZZI-SPD242401B Datasheet
605Kb / 4P
   Switching Power Supply Type SPD 240W DIN rail mounting
logo
Mean Well Enterprises C...
HLG-240 MEANWELL-HLG-240 Datasheet
334Kb / 6P
   240W Single Output Switching Power Supply
logo
Astrodyne Corporation
S-240 ASTRODYNE-S-240 Datasheet
330Kb / 2P
   240W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
HLG-240 MEANWELL-HLG-240_11 Datasheet
342Kb / 6P
   240W Single Output Switching Power Supply
HLG-240H MEANWELL-HLG-240H_12 Datasheet
376Kb / 6P
   240W Single Output Switching Power Supply
HVGC-240 MEANWELL-HVGC-240 Datasheet
129Kb / 6P
   240W Single Output LED Power Supply
logo
Schneider Electric
ABLPA02 SCHNEIDER-ABLPA02 Datasheet
97Kb / 2P
   Mounting kit for Power Supply, 240W
Mar 23, 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com