Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN74LV163A Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part No. SN74LV163A
Description  4BIT SYNCHRONOUS BINARY
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV163A Datasheet(HTML) 5 Page - Texas Instruments

  SN74LV163A Datasheet HTML 1Page - Texas Instruments SN74LV163A Datasheet HTML 2Page - Texas Instruments SN74LV163A Datasheet HTML 3Page - Texas Instruments SN74LV163A Datasheet HTML 4Page - Texas Instruments SN74LV163A Datasheet HTML 5Page - Texas Instruments SN74LV163A Datasheet HTML 6Page - Texas Instruments SN74LV163A Datasheet HTML 7Page - Texas Instruments SN74LV163A Datasheet HTML 8Page - Texas Instruments SN74LV163A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
SN54LV163A, SN74LV163A
4BIT SYNCHRONOUS BINARY COUNTERS
SCLS405F − APRIL 1998 − REVISED APRIL 2005
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
typical clear, preset, count, and inhibit sequence
The following sequence is illustrated below:
1.
Clear outputs to zero (synchronous)
2.
Preset to binary 12
3.
Count to 13, 14, 15, 0, 1, and 2
4.
Inhibit
Data
Inputs
Data
Outputs
CLR
LOAD
A
B
C
D
CLK
ENP
ENT
RCO
QA
QB
QC
QD
Async
Clear
Sync
Clear
Preset
Count
Inhibit
12
13
14
15
0
1
2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
HY57V64420HG 4 Banks x 4M x 4Bit Synchronous DRAM 1  2  3  4  5  More Hynix Semiconductor
SY10E016 8-BIT SYNCHRONOUS BINARY UP COUNTER 1  2  3  4  5  More Micrel Semiconductor
SN54HC191 4-BIT SYNCHRONOUS UP/DOWN BINARY COUNTERS 1  2  3  4  5  More Texas Instruments
CS5161 CPU 5−Bit Synchronous Buck Controller 1  2  3  4  5  More ON Semiconductor
HY5V22GF 4 Banks x 1M x 32Bit Synchronous DRAM 1  2  3  4  5  More Hynix Semiconductor
GS881E18 512K x 18 256K x 36 9Mb Synchronous Burst SRAMs 1  2  3  4  5  More GSI Technology
CS5165A 5−Bit Synchronous CPU Buck Controller 1  2  3  4  5  More ON Semiconductor
IDT709199L HIGH-SPEED 128K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM 1  2  3  4  5  More Integrated Device Technology
LTC3407 Dual Synchronous 600mA 1.5MHz Step-Down DC/DC Regulator 1  2  3  4  5  More Linear Technology
54F191 Up/Down Binary Counter with Preset and Ripple Clock 1  2  3  4  5  More National Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn