Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX28F1000P Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # MX28F1000P
Description  1M-BIT [128K x 8] CMOS FLASH MEMORY
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MX28F1000P Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button MX28F1000P Datasheet HTML 2Page - List of Unclassifed Manufacturers MX28F1000P Datasheet HTML 3Page - List of Unclassifed Manufacturers MX28F1000P Datasheet HTML 4Page - List of Unclassifed Manufacturers MX28F1000P Datasheet HTML 5Page - List of Unclassifed Manufacturers MX28F1000P Datasheet HTML 6Page - List of Unclassifed Manufacturers MX28F1000P Datasheet HTML 7Page - List of Unclassifed Manufacturers MX28F1000P Datasheet HTML 8Page - List of Unclassifed Manufacturers MX28F1000P Datasheet HTML 9Page - List of Unclassifed Manufacturers MX28F1000P Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
6
P/N: PM0340
REV. 1.6, JAN. 19, 1999
MX28F1000P
TABLE 1. COMMAND DEFINITIONS
COMMAND
BUS
FIRST BUS CYCLE
SECOND BUS CYCLE
CYCLES
OPERATION
ADDRESS
DATA
OPERATION
ADDRESS
DATA
Read Memory
1
Write
X
00H
Read Identified codes
2
Write
X
90H
Read
IA
ID
Setup auto erase/
2
Write
X
30H
Write
X
30H
auto erase (chip)
Setup auto erase/
2
Write
X
20H
Write
EA
D0H
auto erase (block)
Setup auto program/
2
Write
X
40H
Write
PA
PD
program
Setup Erase/
2
Write
X
20H
Write
X
20H
Erase (chip)
Setup Erase/
2
Write
X
60H
Write
EA
60H
Erase (block)
Erase verify
2
Write
EVA
A0H
Read
X
EVD
Reset
2
Write
X
FFH
Write
X
FFH
Note:
IA
= Identifier address
EA
= Block of memory location to be erased
PA
= Address of memory location to be pro-
grammed
ID
= Data read from location IA during device iden-
tification
PD
= Data to be programmed at location PA
EVA = Address of memory location to be read during
erase verify.
EVD = Data read from location EVA during erase
verify.
Auto modes have the build-in enchanced features.
Please use the auto erase mode whenever it is.
INDEX


Similar Part No. - MX28F1000P

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX28F1000P MCNIX-MX28F1000P Datasheet
127Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
MX28F1000PPC-12C4 MCNIX-MX28F1000PPC-12C4 Datasheet
127Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
MX28F1000PPC-70C4 MCNIX-MX28F1000PPC-70C4 Datasheet
127Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
MX28F1000PPC-90C4 MCNIX-MX28F1000PPC-90C4 Datasheet
127Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
MX28F1000PPI-12 MCNIX-MX28F1000PPI-12 Datasheet
127Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
More results

Similar Description - MX28F1000P

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F001T MCNIX-MX29F001T Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
MX28F1000P MCNIX-MX28F1000P Datasheet
127Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
SPANSION
MBM29F080A SPANSION-MBM29F080A Datasheet
597Kb / 44P
   FLASH MEMORY CMOS 8M (1M x 8) BIT
MBM29LV008TA SPANSION-MBM29LV008TA Datasheet
449Kb / 51P
   FLASH MEMORY CMOS 8M (1M X 8) BIT
logo
Winbond
W29EE012 WINBOND-W29EE012 Datasheet
242Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W29EE011 WINBOND-W29EE011 Datasheet
183Kb / 20P
   128K X 8 CMOS FLASH MEMORY
W29C011A WINBOND-W29C011A Datasheet
153Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W39L010 WINBOND-W39L010 Datasheet
780Kb / 27P
   128K X 8 CMOS FLASH MEMORY
logo
List of Unclassifed Man...
NX29F010 ETC1-NX29F010 Datasheet
378Kb / 25P
   1M-BIT (128K x 8-bit) CMOS, 5.0V Only ULTRA-FAST SECTORED FLASH MEMORY
logo
Macronix International
MX27C1000 MCNIX-MX27C1000 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com