Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65MLVD201 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD201
Description  MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65MLVD201 Datasheet(HTML) 1 Page - Texas Instruments

  SN65MLVD201 Datasheet HTML 1Page - Texas Instruments SN65MLVD201 Datasheet HTML 2Page - Texas Instruments SN65MLVD201 Datasheet HTML 3Page - Texas Instruments SN65MLVD201 Datasheet HTML 4Page - Texas Instruments SN65MLVD201 Datasheet HTML 5Page - Texas Instruments SN65MLVD201 Datasheet HTML 6Page - Texas Instruments SN65MLVD201 Datasheet HTML 7Page - Texas Instruments SN65MLVD201 Datasheet HTML 8Page - Texas Instruments SN65MLVD201 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SN65MLVD201, SN65MLVD203
SN65MLVD206, SN65MLVD207
SLLS558A – DECEMBER 2002 – JUNE 2003
MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
FEATURES
D Low-Voltage Differential 30-Ω to 55-Ω Line
Drivers and Receivers for Signaling Rates(1)
Up to 200 Mbps
D Type-1 Receivers Incorporate 25 mV of
Hysteresis
D Type-2 Receivers Provide an Offset
(100 mV) Threshold to Detect Open-Circuit
and Idle-Bus Conditions
D Meets or Exceeds the M-LVDS Standard
TIA/EIA-899 for Multipoint Data Interchange
D Power Up/Down Glitch Free
D Controlled Driver Output Voltage Transition
Times for Improved Signal Quality
D –1 V to 3.4 V Common-Mode Voltage Range
Allows Data Transfer With 2 V of Ground
Noise
D Bus Pins High Impedance When Disabled or
VCC ≤ 1.5 V
D 100-Mbps Devices Available
(SN65MLVD200, 202, 204, 205)
APPLICATIONS
D Low-Power High-Speed Short-Reach
Alternative to TIA/EIA-485
D Backplane or Cabled Multipoint Data and
Clock Transmission
D Cellular Base Stations
D Central-Office Switches
D Network Switches and Routers
DESCRIPTION
The
SN65MLVD201,
203,
206,
and
207
are
multipoint-low-voltage differential (M-LVDS) line drivers
and receivers, which are optimized to operate at signaling
rates up to 200 Mbps. All parts comply with the multipoint
low-voltage differential signaling (M–LVDS) standard
TIA/EIA-899.
These
circuits
are
similar
to
their
TIA/EIA-644 standard compliant LVDS counterparts, with
added features to address multipoint applications. The
driver output has been designed to support multipoint
buses presenting loads as low as 30
Ω, and incorporates
controlled transition times to allow for stubs off of the
backbone transmission line.
These devices have Type-1 and Type-2 receivers that
detect the bus state with as little as 50 mV of differential
input voltage over a common-mode voltage range of –1 V
to 3.4 V. The Type-1 receivers exhibit 25 mV of differential
input voltage hysteresis to prevent output oscillations with
slowly changing signals or loss of input. Type-2 receivers
include an offset threshold to provide a known output state
under open-circuit, idle-bus, and other faults conditions.
The devices are characterized for operation from –40
°C to
85
°C.
4
3
1
2
DE
D
RE
R
6
7
A
B
LOGIC DIAGRAM (POSITIVE LOGIC)
5
4
2
3
DE
D
RE
R
12
11
A
B
10
9
Y
Z
SN65MLVD203, SN65MLVD207
SN65MLVD201, SN65MLVD206
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2002 – 2003, Texas Instruments Incorporated
(1)The signaling rate of a line, is the number of voltage transitions that are made per second expressed in the units bps (bits per second).


Similar Part No. - SN65MLVD201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD201 TI-SN65MLVD201 Datasheet
695Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201 Datasheet
749Kb / 28P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201B TI1-SN65MLVD201B Datasheet
1Mb / 36P
[Old version datasheet]   Multipoint-LVDS Line Drivers and Receivers (Transceivers) With IEC ESD Protection
SN65MLVD201D TI-SN65MLVD201D Datasheet
695Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201D TI-SN65MLVD201D Datasheet
749Kb / 28P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
More results

Similar Description - SN65MLVD201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD201 TI-SN65MLVD201_10 Datasheet
749Kb / 28P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201_07 Datasheet
695Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD200A TI1-SN65MLVD200A_15 Datasheet
1Mb / 38P
[Old version datasheet]   Multipoint-LVDS Line Driver and Receiver
SN65MLVD200A TI-SN65MLVD200A_08 Datasheet
667Kb / 25P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD200A TI-SN65MLVD200A Datasheet
547Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
logo
National Semiconductor ...
DS91D180 NSC-DS91D180 Datasheet
607Kb / 13P
   Multipoint LVDS (M-LVDS) Line Driver/Receiver
logo
Texas Instruments
SN65MLVD203B TI-SN65MLVD203B Datasheet
1Mb / 40P
[Old version datasheet]   SN65MLVD203B Multipoint-LVDS Line Driver and Receiver (Transceiver) With IEC ESD Protection
SN65MLVD047 TI-SN65MLVD047 Datasheet
239Kb / 17P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047A TI1-SN65MLVD047A Datasheet
645Kb / 21P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047 TI-SN65MLVD047_06 Datasheet
308Kb / 17P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com