Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC9658 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MPC9658
Description  3.3V 1:10 LVCMOS PLL Clock Generator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC9658 Datasheet(HTML) 4 Page - Motorola, Inc

  MPC9658 Datasheet HTML 1Page - Motorola, Inc MPC9658 Datasheet HTML 2Page - Motorola, Inc MPC9658 Datasheet HTML 3Page - Motorola, Inc MPC9658 Datasheet HTML 4Page - Motorola, Inc MPC9658 Datasheet HTML 5Page - Motorola, Inc MPC9658 Datasheet HTML 6Page - Motorola, Inc MPC9658 Datasheet HTML 7Page - Motorola, Inc MPC9658 Datasheet HTML 8Page - Motorola, Inc MPC9658 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MPC9658
MOTOROLA
TIMING SOLUTIONS
4
Table 4. GENERAL SPECIFICATIONS
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VTT
Output Termination Voltage
VCC B 2
V
MM
ESD Protection (Machine Model)
200
V
HBM
ESD Protection (Human Body Model)
2000
V
LU
Latch–Up Immunity
200
mA
CPD
Power Dissipation Capacitance
10
pF
Per output
CIN
Input Capacitance
4.0
pF
Inputs
θJA
LQFP 32 Thermal resistance junction to ambient
JESD 51-3, single layer test board
JESD 51-6, 2S2P multilayer test board
83.1
73.3
68.9
63.8
57.4
59.0
54.4
52.5
50.4
47.8
86.0
75.4
70.9
65.3
59.6
60.6
55.7
53.8
51.5
48.8
°C/W
°C/W
°C/W
°C/W
°C/W
°C/W
°C/W
°C/W
°C/W
°C/W
Natural convection
100 ft/min
200 ft/min
400 ft/min
800 ft/min
Natural convection
100 ft/min
200 ft/min
400 ft/min
800 ft/min
θJC
LQFP 32 Thermal resistance junction to case
23.0
26.3
°C/W
MIL-SPEC 883E
Method 1012.1
Table 5. DC CHARACTERISTICS (VCC = 3.3V ± 5%, TA = 0°C to 70°C)
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VIH
Input High Voltage
2.0
VCC + 0.3
V
LVCMOS
VIL
Input Low Voltage
0.8
V
LVCMOS
VPP
Peak-to-Peak Input Voltage
(PCLK)
250
mV
LVPECL
VCMRa
Common Mode Range
(PCLK)
1.0
VCC-0.6
V
LVPECL
VOH
Output High Voltage
2.4
V
IOH=-24 mAb
VOL
Output Low Voltagec
0.55
0.30
V
V
IOL= 24 mA
IOL= 12 mA
ZOUT
Output Impedance
14 - 17
W
IIN
Input Currentd
±200
µA
VIN=VCC or GND
ICC_PLL
Maximum PLL Supply Current
12
20
mA
VCC_PLL Pin
ICCQ
Maximum Quiescent Supply Current
13
20
mA
All VCC Pins
aVCMR (DC) is the crosspoint of the differential input signal. Functional operation is obtained when the crosspoint is within the VCMR range
and the input swing lies within the VPP (DC) specification.
b
The MPC9658 is capable of driving 50
Ω transmission lines on the incident edge. Each output drives one 50Ω parallel terminated
transmission line to a termination voltage of VTT. Alternatively, the device drives up to two 50Ω series terminated transmission lines.
c
The MPC9658 output levels are compatible to the MPC958 output levels.
d
Inputs have pull-down resistors affecting the input current.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MPC9658

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MPC9658 RENESAS-MPC9658 Datasheet
681Kb / 13P
   3.3V 1:10 LVCMOS PLL Clock Generator
2019
More results

Similar Description - MPC9658

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS5I9658 PULSECORE-PCS5I9658 Datasheet
613Kb / 15P
   3.3V 1:10 LVCMOS PLL Clock Generator
logo
Renesas Technology Corp
MPC9658 RENESAS-MPC9658 Datasheet
681Kb / 13P
   3.3V 1:10 LVCMOS PLL Clock Generator
2019
logo
Alliance Semiconductor ...
ASM5I9350 ALSC-ASM5I9350 Datasheet
473Kb / 12P
   3.3V 1:10 LVCMOS PLL Clock Generator
ASM5I9658 ALSC-ASM5I9658 Datasheet
579Kb / 14P
   3.3V 1:10 LVCMOS PLL Clock Generator
logo
PulseCore Semiconductor
PCS5I9350 PULSECORE-PCS5I9350 Datasheet
490Kb / 12P
   3.3V 1:10 LVCMOS PLL Clock Generator
PCS5I9653A PULSECORE-PCS5I9653A Datasheet
644Kb / 13P
   3.3V 1:8 LVCMOS PLL Clock Generator
logo
Motorola, Inc
MPC9772 MOTOROLA-MPC9772 Datasheet
238Kb / 16P
   3.3V 1:12 LVCMOS PLL Clock Generator
logo
Renesas Technology Corp
MPC9330 RENESAS-MPC9330 Datasheet
348Kb / 14P
   3.3V, 1:6, LVCMOS PLL Clock Generator
3/11/16
MPC9893 RENESAS-MPC9893 Datasheet
452Kb / 15P
   3.3V 1:12 LVCMOS PLL Clock Generator
2019
logo
Alliance Semiconductor ...
ASM5I9653A ALSC-ASM5I9653A Datasheet
648Kb / 13P
   3.3V 1:8 LVCMOS PLL Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com