Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MP100GN-Z Datasheet(PDF) 13 Page - MPS Industries, Inc.

Part No. MP100GN-Z
Description  Offline Inductor-less Regulator For Low Power Applications
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MPSIND [MPS Industries, Inc.]
Homepage  http://www.mpsind.com/index.html
Logo 

MP100GN-Z Datasheet(HTML) 13 Page - MPS Industries, Inc.

 
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MP100 – OFFLINE INDUCTOR-LESS REGULATOR
MP100 Rev. 1.04
www.MonolithicPower.com
13
1/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS (continued)
GND
3.3V/70mA
220µF
35V
C1
470pF
50V
C2
100k
R6
16.9k
R4
10.2k
R5
4.7µF
50V
C3
0.1µF
50V
C4
10/1W
RF1
85~305VAC
1%
1%
L
N
Vout
GND
Q1
STD3NK60ZT4
1k
R2
5.1k
R3
600 V/2.4A
PTC
10k
R1
BD1
MB6S
MP100
VD
5
NC
7
FB
3
VB
6
PG
1
VIN
8
GND
2
VOUT 4
U1
1µF
CX1
305VAC
Figure 7: External MOSFET Connected Application


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn