Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MP100GN-Z Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part No. MP100GN-Z
Description  Offline Inductor-less Regulator For Low Power Applications
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MPSIND [MPS Industries, Inc.]
Homepage  http://www.mpsind.com/index.html
Logo 

MP100GN-Z Datasheet(HTML) 1 Page - MPS Industries, Inc.

 
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MP100
Offline Inductor-less Regulator
For Low Power Applications
MP100 Rev. 1.04
www.MonolithicPower.com
1
1/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP100 is a compact, inductor-less, good-
efficiency, off-line regulator. It steps down the
AC line voltage to an adjustable DC output. It is
a simple solution to provide a bias voltage to
ICs in off-line applications. Its integrated smart-
control system uses AC line power only when
necessary, thus minimizing device losses to
achieve good efficiency. This device can help
system designs meet new standby power
specifications.
The MP100 provides various protections, such
as
over-current
protection,
short-circuit
protection, VD over-voltage protection, VD
under-voltage lockout, and thermal shutdown.
The MP100 is available in a SOIC8E package.
FEATURES
• Universal AC Input (85VAC-to-305VAC)
• Smart Control to Maximize Efficiency
• Adjustable Output Voltage from 1.5V to 15V
• Low Component Count and Cost
• Thermal Shutdown Protection
• Short-Circuit Protection
• Provide Power-Good Signal
• No Bulk Capacitor Required
APPLICATIONS
• Wall Switches and Dimmers
• AC/DC Power Supply for Wireless System,
like ZigBee,Z-Wave and so on
• Standby Power for General Off-Line
Applications
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
VIN(V)
Output Power vs. VIN
Full Bridge Rectifier
0
100
200
300
400
500
600
80 110 140 170 200 230 260 290 320
VOUT=3.3V
VOUT=5V
VOUT=12V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn