Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MP100GN-Z Datasheet(PDF) 5 Page - MPS Industries, Inc.

Part No. MP100GN-Z
Description  Offline Inductor-less Regulator For Low Power Applications
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MPSIND [MPS Industries, Inc.]
Homepage  http://www.mpsind.com/index.html
Logo 

MP100GN-Z Datasheet(HTML) 5 Page - MPS Industries, Inc.

 
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MP100 – OFFLINE INDUCTOR-LESS REGULATOR
MP100 Rev. 1.04
www.MonolithicPower.com
5
1/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
Performance waveforms are tested on the evaluation board of the Design Example section.
VIN=230VAC, VOUT=12V, IOUT=10mA, CVD=220μF/35V, TA=+25°C, unless otherwise noted.
Input Power Start up
Input Power Shut down
Steady State
Over Current Protection
Entry
Over Current Protection
Recovery
Short Circuit Protection
Entry
Short Circuit Protection
Recovery
Output Voltage Ripple
VIN
100V/div.
VD
5V/div.
VOUT
5V/div.
IIN
1A/div.
VIN
100V/div.
VD
5V/div.
VOUT
5V/div.
IOUT
100mA/div.
VIN
100V/div.
VD
5V/div.
VOUT
5V/div.
IOUT
100mA/div.
VIN
100V/div.
VD
5V/div.
VOUT
5V/div.
IOUT
200mA/div.
VIN
100V/div.
VD
5V/div.
VOUT
5V/div.
VOUT
10mV/div.
VOUT
10mV/div.
IOUT
200mA/div.
IOUT
10mA/div.
VIN
100V/div.
VD
5V/div.
VOUT
5V/div.
IIN
1A/div.
VIN
100V/div.
VD
5V/div.
VOUT
5V/div.
IIN
1A/div.
Load Transient


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn