Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJD5731 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MJD5731
Description  High Voltage PNP Silicon Power Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD5731 Datasheet(HTML) 3 Page - ON Semiconductor

  MJD5731 Datasheet HTML 1Page - ON Semiconductor MJD5731 Datasheet HTML 2Page - ON Semiconductor MJD5731 Datasheet HTML 3Page - ON Semiconductor MJD5731 Datasheet HTML 4Page - ON Semiconductor MJD5731 Datasheet HTML 5Page - ON Semiconductor MJD5731 Datasheet HTML 6Page - ON Semiconductor MJD5731 Datasheet HTML 7Page - ON Semiconductor MJD5731 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MJD5731
http://onsemi.com
3
TJ = 25°C
0.03
Figure 1. DC Current Gain
IC, COLLECTOR CURRENT (AMPS)
2.0
0.02 0.03
0.05
0.1
0.2
0.5
1.0
2.0
30
10
3.0
Figure 2. Collector-Emitter Saturation Voltage
0.02
IC, COLLECTOR CURRENT (AMPS)
0
0.05
0.3
1.2
5.0
VCE = 10 V
1.0
2.0
1.4
1
TJ = 150°C
20
0.5
0.3
0.8
0.6
0.1
VCE(sat)) @ IC/IB = 5.0
0.2
0.2
0.4
25°C
−55 °C
100
50
200
150°C
−55 °C
IC, COLLECTOR CURRENT (AMPS)
1.0
0.8
1.4
1.2
0.4
0
0.6
0.2
Figure 3. Base-Emitter Voltage
0.05
0.2
2.0
0.1
0.5
0.3
1.0
0.02 0.03
VBE(sat) @ IC/IB = 5.0
TJ = − 55°C
25°C
150°C
0.02
IC, COLLECTOR CURRENT (AMPS)
1
0.8
1.4
1.2
0.4
0
0.6
0.2
VBE(sat) @ IC/IB = 5 V
VBE(on) @ VCE = 4 V
VCE(sat) @ IC/IB = 5 V
Figure 4. “On” Voltages
0.06
0.2
2
0.1
0.6
0.04
0.4
1
TJ = 25°C
10
5.0
Figure 5. Forward Bias Safe Operating Area
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
5.0
2.0
0.5
0.01
30
100
BONDING WIRE LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
dc
500 ms
0.05
10
20
1.0ms
200 300
500
1.0
0.2
50
0.1
0.02
TC = 25°C
100 ms
There are two limitations on the power handling ability of
a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC - VCE
limits of the transistor that must be observed for reliable
operation; i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figure 5 is based on TJ(pk) = 150°C; TC is
variable depending on conditions. Second breakdown pulse
limits are valid for duty cycles to 10% provided TJ(pk)
v 150°C. TJ(pk) may be calculated from the data in
Figure 6. At high case temperatures, thermal limitations will
reduce the power that can be handled to values less than the
limitations imposed by second breakdown.


Similar Part No. - MJD5731

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD5731 ONSEMI-MJD5731 Datasheet
119Kb / 5P
   High Voltage PNP Silicon Power Transistors
January, 2011 ??Rev. 4
MJD5731 ONSEMI-MJD5731 Datasheet
133Kb / 5P
   High Voltage PNP Silicon Power Transistors
August, 2013 ??Rev. 5
logo
Inchange Semiconductor ...
MJD5731 ISC-MJD5731 Datasheet
331Kb / 2P
   isc Silicon PNP Power Transistor
logo
ON Semiconductor
MJD5731T4G ONSEMI-MJD5731T4G Datasheet
119Kb / 5P
   High Voltage PNP Silicon Power Transistors
January, 2011 ??Rev. 4
MJD5731T4G ONSEMI-MJD5731T4G Datasheet
133Kb / 5P
   High Voltage PNP Silicon Power Transistors
August, 2013 ??Rev. 5
More results

Similar Description - MJD5731

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD5731 ONSEMI-MJD5731_11 Datasheet
119Kb / 5P
   High Voltage PNP Silicon Power Transistors
January, 2011 ??Rev. 4
MJD5731 ONSEMI-MJD5731_13 Datasheet
133Kb / 5P
   High Voltage PNP Silicon Power Transistors
August, 2013 ??Rev. 5
MJE5730 ONSEMI-MJE5730_06 Datasheet
82Kb / 5P
   High Voltage PNP Silicon Plastic Power Transistors
February, 2006 ??Rev. 5
MJE5730 ONSEMI-MJE5730_15 Datasheet
82Kb / 6P
   High Voltage PNP Silicon Plastic Power Transistors
January, 2015 ??Rev. 8
logo
New Jersey Semi-Conduct...
DTS401 NJSEMI-DTS401 Datasheet
91Kb / 1P
   NPN & PNP HIGH VOLTAGE SILICON HIGH POWER TRANSISTORS
logo
ON Semiconductor
MMBTA92LT1 ONSEMI-MMBTA92LT1 Datasheet
53Kb / 4P
   High Voltage Transistors(PNP Silicon)
November, 2003 ??Rev. 4
logo
Infineon Technologies A...
BFN19 INFINEON-BFN19 Datasheet
67Kb / 6P
   PNP Silicon High-Voltage Transistors
2007-03-29
BFN39 INFINEON-BFN39 Datasheet
67Kb / 6P
   PNP Silicon High-Voltage Transistors
2007-03-29
logo
Micro Electronics
BF491 MICRO-ELECTRONICS-BF491 Datasheet
159Kb / 2P
   PNP SILICON HIGH VOLTAGE TRANSISTORS
logo
ON Semiconductor
BF421 ONSEMI-BF421 Datasheet
82Kb / 4P
   High Voltage Transistors(PNP Silicon)
1998 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com