Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM5009 Datasheet(PDF) 11 Page - Nippon Precision Circuits Inc

Part # SM5009
Description  Crystal Oscillator Module ICs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5009 Datasheet(HTML) 11 Page - Nippon Precision Circuits Inc

Back Button SM5009 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5009 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5009 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5009 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5009 Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5009 Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5009 Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5009 Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5009 Datasheet HTML 15Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
SM5009 series
NIPPON PRECISION CIRCUITS INC.—11
5009AH
× series
3V operation: VDD = 2.7 to 3.3V, VSS = 0V, Ta = −20 to 80°C unless otherwise noted.
5V operation: VDD = 4.5 to 5.5V, VSS = 0V, Ta = −40 to 85°C unless otherwise noted.
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
HIGH-level output voltage
VOH
Q: Measurement cct 1, IOH = 2mA
2.2
V
LOW-level output voltage
VOL
Q: Measurement cct 1, IOL = 2mA
0.4
V
HIGH-level input voltage
VIH
INH
2.0
V
LOW-level input voltage
VIL
INH
0.3
V
Output leakage current
IZ
Q: Measurement cct 2, INH = LOW, VOH = VDD
––
10
µA
Q: Measurement cct 2, INH = LOW, VOL = VSS
––
10
Current consumption
IDD
INH = open, Measurement cct 3,
load cct 2, CL = 15pF,
16MHz crystal oscillator
SM5009AH1S
CF5009AH1
4.5
10
mA
SM5009AH2S
CF5009AH2
–37
SM5009AH3S
CF5009AH3
SM5009AH4S
CF5009AH4
1.5
3.5
INH pull-up resistance
RUP
Measurement cct 4, VDD = 3V, INH = VSS
40
200
k
Negative resistance
−RL
VDD = 3V, Ta = 25°C, 16MHz
–450
Feedback resistance
Rf
Measurement cct 5
0.4
1.1
M
Built-in capacitance
CG
Design value. A monitor pattern on a wafer is tested.
5.58
6
6.42
pF
CD
9.3
10
10.7
pF
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
HIGH-level output voltage
VOH
Q: Measurement cct 1, IOH = 4mA
4.0
V
LOW-level output voltage
VOL
Q: Measurement cct 1, IOL = 4mA
0.4
V
HIGH-level input voltage
VIH
INH
2.0
V
LOW-level input voltage
VIL
INH
0.8
V
Output leakage current
IZ
Q: Measurement cct 2, INH = LOW, VOH = VDD
––
10
µA
Q: Measurement cct 2, INH = LOW, VOL = VSS
––
10
Current consumption
IDD
INH = open, Measurement cct 3,
load cct 2, CL = 15pF,
30MHz crystal oscillator
SM5009AH1S
CF5009AH1
–9
20
mA
SM5009AH2S
CF5009AH2
–6
13
SM5009AH3S
CF5009AH3
SM5009AH4S
CF5009AH4
–49
INH pull-up resistance
RUP
Measurement cct 4, VDD = 5V, INH = VSS
40
200
k
Negative resistance
−RL
VDD = 5V, Ta = 25°C, 30MHz
–340
Feedback resistance
Rf
Measurement cct 5
0.4
1.1
M
Built-in capacitance
CG
Design value. A monitor pattern on a wafer is tested.
5.58
6
6.42
pF
CD
9.3
10
10.7
pF


Similar Part No. - SM5009

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
SM5009AH2S NPC-SM5009AH2S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
SM5009AH3S NPC-SM5009AH3S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
SM5009AH4S NPC-SM5009AH4S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
SM5009AK1S NPC-SM5009AK1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
More results

Similar Description - SM5009

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
   Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
   Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
   Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
   Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
   Crystal Oscillator Module ICs
5027 NPC-5027 Datasheet
710Kb / 21P
   Crystal Oscillator Module ICs
5052H NPC-5052H Datasheet
571Kb / 14P
   Crystal Oscillator Module ICs
SM5010 NPC-SM5010_06 Datasheet
167Kb / 25P
   Crystal Oscillator Module ICs
logo
Pericom Semiconductor C...
PT7C5022 PERICOM-PT7C5022 Datasheet
356Kb / 13P
   Crystal Oscillator Module ICs
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com