Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCR100 Datasheet(PDF) 2 Page - Unisonic Technologies

Part No. MCR100
Description  SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MCR100 Datasheet(HTML) 2 Page - Unisonic Technologies

  MCR100 Datasheet HTML 1Page - Unisonic Technologies MCR100 Datasheet HTML 2Page - Unisonic Technologies MCR100 Datasheet HTML 3Page - Unisonic Technologies MCR100 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image


        


 


-F -  
>B/9A
3
,C2<
&
F!% 
>B <°-=≤2,µA
,2
=
F&%
>B <°-B/9A
,2
=
!%- 1F
>B <°-=≤2,µA
32
&
!%*1.
>B <°-=≤2,µA
*<
*
 :  . G.* 
*

C,H22,
°-
. 

C,H2<,
°-
8 * *  "   ".  D 
E "      
)!  "     


  
>IB <°- A

  
     
FF-0&.&-4.33-
!F.)! 
- B <°-
B2 <°-
*B.* *E.B2!Ω
33


2,
2,,

µ&
µ&
-0&.&-4.33-
!F *
>2A
3 B2&!GB <°-
* 

2;
*
%- >-  
A>  A
*B;*.B2,,ΩB <°-
3 

C,
,, µ&
0 -  > 9AB <°-

BC,°-
*B;*   B ,&
3 

,<
<
2,
&
(- B <°-  
BC,°-
*B;*3B ,,µ&
3

,+
2,
2<
&
%- 
>  A> A  B <°-

BC,°-
*B;*.B2,,Ω
* 

,+ 

,/
2 
*
5J&'3--0&.&-4.33-
-. .  
*
*B.*4  
= .B2,,,ΩB22,°-
*6
,
9<

*6µ
-. .  
- 

3B ,&EB2,µE 
%6B2&6µ3B ,&
6


<, &6µ
823 =≤2,≤2K
 .B2,,,Ω   

95  .  



Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn