Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSF8025SG20 Datasheet(PDF) 5 Page - Dynex Semiconductor

Part # DSF8025SG20
Description  Fast Recovery Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DSF8025SG20 Datasheet(HTML) 5 Page - Dynex Semiconductor

  DSF8025SG20 Datasheet HTML 1Page - Dynex Semiconductor DSF8025SG20 Datasheet HTML 2Page - Dynex Semiconductor DSF8025SG20 Datasheet HTML 3Page - Dynex Semiconductor DSF8025SG20 Datasheet HTML 4Page - Dynex Semiconductor DSF8025SG20 Datasheet HTML 5Page - Dynex Semiconductor DSF8025SG20 Datasheet HTML 6Page - Dynex Semiconductor DSF8025SG20 Datasheet HTML 7Page - Dynex Semiconductor DSF8025SG20 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DSF8025SE / DSF8025SG
5/8
www.dynexsemi.com
110
100
Rate of rise of reverse current dIR/dt - (A/µs)
100
10
1000
Conditions:
Tj = 150˚C,
VR = 100V
A
B
C
A: IF = 2000A
B: IF = 1000A
C: IF = 200A
Fig.7 Typical reverse recovery current vs rate of fall of
forward current
Fig.8 Maximum (limit) transient thermal impedance -
junction to case - (˚C/W)
0.1
0.01
0.001
0.001
0.01
0.1
1.0
10
Time - (s)
Anode side
cooled
Double side
cooled


Similar Part No. - DSF8025SG20

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DSF8025SG20 DYNEX-DSF8025SG20 Datasheet
91Kb / 8P
   Fast Recovery Diode
More results

Similar Description - DSF8025SG20

ManufacturerPart #DatasheetDescription
logo
Rohm
RF501B2S ROHM-RF501B2S_09 Datasheet
468Kb / 4P
   Fast Recovery Diode
RF201L2S ROHM-RF201L2S Datasheet
135Kb / 4P
   Fast Recovery Diode
RF101L2S ROHM-RF101L2S Datasheet
181Kb / 4P
   Fast recovery diode
RF601T2D ROHM-RF601T2D_11 Datasheet
971Kb / 4P
   Fast recovery diode
RF301B2STL ROHM-RF301B2STL Datasheet
409Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
MP2-202S SANKEN-MP2-202S Datasheet
174Kb / 4P
   Fast Recovery Diode
logo
Shenzhen Taychipst Elec...
ERA22-02 TAYCHIPST-ERA22-02 Datasheet
2Mb / 2P
   FAST RECOVERY DIODE
logo
Rohm
RF071M2STR ROHM-RF071M2STR Datasheet
340Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
FMN-3306S SANKEN-FMN-3306S Datasheet
190Kb / 7P
   Fast Recovery Diode
logo
Rohm
RF101L2STE25 ROHM-RF101L2STE25 Datasheet
352Kb / 4P
   Fast Recovery Diode
logo
Shindengen Electric Mfg...
M1FL40U SHINDENGEN-M1FL40U Datasheet
172Kb / 4P
   Fast Recovery Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com