Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMFA80 Datasheet(PDF) 2 Page - Vitec Power

Part # SMFA80
Description  80W Open-Frame Power Supply for Medical Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

SMFA80 Datasheet(HTML) 2 Page - Vitec Power

  SMFA80 Datasheet HTML 1Page - Vitec Power SMFA80 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Conditions
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Operating Temperature
0
50
70
°C
Storage Temperature
-40
85
°C
Relative Humidity
5
95
%
Operating Temperature at 25°C, Calculated per MIL-HDBK-217F
0.1M
Hrs
De-rate linearly from 100% load at 50°C to 50% load at 70°C
Approvals and Compliances
Parameter
Test Conditions
Min.
Unit
Dielectric Withstanding Voltage for Primary to secondary
Primary to secondary
5656
VDC
Dielectric Withstanding Voltage for Primary to Ground
Primary to ground
2828
VDC
Isolation Resistance
Test Voltage = 500VDC
50
EMI requirements for CISPR-11
Vin=220VAC
B
CLASS
EMI requirements for FCC PART-18
Vin=110VAC
B
CLASS
Mechanical and PIN out
PIN CHART
PIN
MODEL
1
2
3
4
5
6
7
8
9
10
11
12
SMFA80-SXX-12pin
RTN RTN RTN RTN RTN RTN Vout Vout Vout Vout Vout Vout
PIN
MODEL
1
2
3
4
5
6
SMFA80-SXX-6pin
RTN RTN RTN Vout Vout Vout
Note:
1. Dimensions are shown in mm.
2. Weight: 420g approx.
3. Input connector mates with Molex housing
09-50-3031 and Molex 2478 series crimp terminal
4. Output connector mates with screw terminal
(Terminal Block)(16-22AWG) or Molex housing
09-50-3121and Molex 2478 series crimp terminal


Similar Part No. - SMFA80

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SMFA80-S02 Vitec-SMFA80-S02 Datasheet
363Kb / 2P
   80W Open-Frame Power Supply for Medical Equipment
SMFA80-S03 Vitec-SMFA80-S03 Datasheet
363Kb / 2P
   80W Open-Frame Power Supply for Medical Equipment
SMFA80-S04 Vitec-SMFA80-S04 Datasheet
363Kb / 2P
   80W Open-Frame Power Supply for Medical Equipment
SMFA80-S05 Vitec-SMFA80-S05 Datasheet
363Kb / 2P
   80W Open-Frame Power Supply for Medical Equipment
SMFA80-S06 Vitec-SMFA80-S06 Datasheet
363Kb / 2P
   80W Open-Frame Power Supply for Medical Equipment
More results

Similar Description - SMFA80

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SMFA80-SERIES Vitec-SMFA80-SERIES Datasheet
363Kb / 2P
   80W Open-Frame Power Supply for Medical Equipment
SIFA80-SERIES Vitec-SIFA80-SERIES Datasheet
451Kb / 2P
   80W Open Frame Power Supply for Industrial Equipment
STFA80 Vitec-STFA80 Datasheet
450Kb / 2P
   80W Open Frame Power Supply for I.T. Equipment
STFA81 Vitec-STFA81 Datasheet
451Kb / 2P
   80W Open Frame Power Supply for I.T. Equipment
STFA80-SERIES Vitec-STFA80-SERIES Datasheet
450Kb / 2P
   80W Open Frame Power Supply for I.T. Equipment
STFA81-SERIES Vitec-STFA81-SERIES Datasheet
451Kb / 2P
   80W Open Frame Power Supply for I.T. Equipment
SIFA80 Vitec-SIFA80 Datasheet
451Kb / 2P
   80W Open Frame Power Supply for Industrial Equipment
SIFA81-SERIES Vitec-SIFA81-SERIES Datasheet
453Kb / 2P
   80W Open Frame Power Supply for Industrial Equipment
SIFA81 Vitec-SIFA81 Datasheet
453Kb / 2P
   80W Open Frame Power Supply for Industrial Equipment
logo
MPS Industries, Inc.
MBU80 MPSIND-MBU80 Datasheet
306Kb / 2P
   80W Open Frame Switching Power Supplies For Medical Equipment.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com