Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI1433DH Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. SI1433DH
Description  P-Channel 30-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1433DH Datasheet(HTML) 3 Page - Vishay Siliconix

  SI1433DH Datasheet HTML 1Page - Vishay Siliconix SI1433DH Datasheet HTML 2Page - Vishay Siliconix SI1433DH Datasheet HTML 3Page - Vishay Siliconix SI1433DH Datasheet HTML 4Page - Vishay Siliconix SI1433DH Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Si1433DH
Vishay Siliconix
New Product
Document Number: 72323
S-31668—Rev. A, 11-Aug-03
www.vishay.com
3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0.00
0.15
0.30
0.45
0.60
0.75
012
34
56
78
0
70
140
210
280
350
0
6
12
18
24
30
On-Resistance vs. Drain Current
VDS - Drain-to-Source Voltage (V)
ID - Drain Current (A)
Capacitance
VGS = 4.5 V
Coss
Ciss
VGS = 10 V
Crss
0
2
4
6
8
10
0
123
456
0.6
0.8
1.0
1.2
1.4
1.6
- 50
- 25
0
25
50
75
100
125
150
Gate Charge
Qg - Total Gate Charge (nC)
On-Resistance vs. Junction Temperature
VGS = 10 V
ID = 2.2 A
TJ - Junction Temperature (_C)
VDS = 15 V
ID = 2.2 A
1.2
1.5
0.1
1
10
0.00
0.3
0.6
0.9
TJ = 25_C
TJ = 150_C
Source-Drain Diode Forward Voltage
VSD - Source-to-Drain Voltage (V)
0.00
0.14
0.28
0.42
0.56
0.70
0
2468
10
VGS - Gate-to-Source Voltage (V)
On-Resistance vs. Gate-to-Source Voltage
ID = 2.2 A


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SI2303BDS P-Channel 30-V D-S MOSFET 1  2  3  4  5  Vishay Siliconix
SI4953ADY Dual P-Channel 30-V D-S MOSFET 1  2  3  4  Vishay Siliconix
SI7943DP Dual P-Channel 30-V D-S MOSFET 1  2  3  Vishay Siliconix
SI2303ADS P-Channel 30-V D-S MOSFET 1  2  3  4  Vishay Siliconix
AF4409P P-Channel 30-V D-S MOSFET 1  2  3  Anachip Corp
SI4427DY P-Channel 30-V D-S MOSFET 1  2  3  4  Vishay Siliconix
AF9435P P-Channel 30-V D-S MOSFET 1  2  3  4  5  Anachip Corp
SUB75P03-07 P-Channel 30-V D-S 175C MOSFET 1  2  3  4  5  Vishay Siliconix
SI7483ADP P-Channel 30-V D-S MOSFET 1  2  3  4  5  Vishay Siliconix
SI2307BDS P-Channel 30-V D-S MOSFET 1  2  3  Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn