Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

0008500113 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. 0008500113
Description  KK 254 Crimp Terminal, 22-30 AWG, Hot Tin (Sn) Dip Plating
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX1 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

0008500113 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 07/25/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0008500113
Status:
Active
Overview:
KK® Interconnect System - Molex
Description:
KK® 254 Crimp Terminal, 22-30 AWG, Hot Tin (Sn) Dip Plating
Documents:
Drawing (PDF)
Packaging Specification PK-2759-002 (PDF)
Product Specification PS-10-07-001 (PDF)
Packaging Specification PK-6459-001 (PDF)
Product Specification TS-10-07-001 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Terminals
Series
2759
Application
Power
Crimp Quality Equipment
Yes
Overview
KK® Interconnect System - Molex
Packaging Alternative
08-50-0114 (Loose)
Product Name
KK® 254
UPC
800753614444
Physical
Gender
Female
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Net Weight
0.065/g
Packaging Type
Reel
Plating min - Mating
2.540µm
Plating min - Termination
2.540µm
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
1.57mm max.
Wire Size AWG
22, 24, 26, 28, 30
Wire Size mm²
N/A
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Engineering Number
2759-(P909)B
Reference - Drawing Numbers
Packaging Specification
PK-2759-002, PK-6459-001
Product Specification
PS-10-07-001, TS-10-07-001
Sales Drawing
SD-2759
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/30/2017 (7 July
2017)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
2759 Series
Use With
2695 , 5051
This document was generated on 07/25/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn