Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F280049CPZQ Datasheet(PDF) 8 Page - Texas Instruments

Part # F280049CPZQ
Description  Piccolo Microcontrollers
Download  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

F280049CPZQ Datasheet(HTML) 8 Page - Texas Instruments

Back Button F280049CPZQ Datasheet HTML 4Page - Texas Instruments F280049CPZQ Datasheet HTML 5Page - Texas Instruments F280049CPZQ Datasheet HTML 6Page - Texas Instruments F280049CPZQ Datasheet HTML 7Page - Texas Instruments F280049CPZQ Datasheet HTML 8Page - Texas Instruments F280049CPZQ Datasheet HTML 9Page - Texas Instruments F280049CPZQ Datasheet HTML 10Page - Texas Instruments F280049CPZQ Datasheet HTML 11Page - Texas Instruments F280049CPZQ Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 217 page
background image
8
TMS320F280049, TMS320F280049C, TMS320F280049M
TMS320F280048, TMS320F280048C, TMS320F280045
TMS320F280041, TMS320F280041C, TMS320F280040, TMS320F280040C
SPRS945A – JANUARY 2017 – REVISED AUGUST 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320F280049 TMS320F280049C TMS320F280049M TMS320F280048 TMS320F280048C
TMS320F280045 TMS320F280041 TMS320F280041C TMS320F280040 TMS320F280040C
Revision History
Copyright © 2017, Texas Instruments Incorporated
Table 5-31 (cJTAG Timing Requirements): Updated table.
................................................................... 84
Table 5-32 (cJTAG Switching Characteristics): Updated table.
.............................................................. 84
Section 5.8.6.1 (GPIO – Output Timing): Changed "GPO" to "GPIO".
...................................................... 85
Table 5-33 (General-Purpose Output Switching Characteristics), Toggling frequency: Changed "tfGPO" to "fGPIO". ... 85
Table 5-43 (HALT Mode Switching Characteristics): Changed "CPU1" to "CPU".
........................................ 94
Section 5.9 (Analog Peripherals): Updated list of analog subsystem features.
............................................ 96
Figure 5-29 (Analog Subsystem Block Diagram (64-Pin PM LQFP)): Added footnote.
................................... 98
Figure 5-30 (Analog Subsystem Block Diagram (56-Pin RSH VQFN)): Added footnote.
................................. 99
Figure 5-31 (Analog Group Connections): Updated figure.
................................................................. 100
Section 5.9.1 (Analog-to-Digital Converter (ADC)): Updated list of ADC features.
...................................... 104
Figure 5-32 (ADC Module Block Diagram): Updated figure.
................................................................ 105
Table 5-47 (ADC Operating Conditions): Updated table.
.................................................................... 107
Table 5-48 (ADC Characteristics): Updated table.
............................................................................ 107
Table 5-50 (Per-Channel Parasitic Capacitance): Updated table.
.......................................................... 111
Section 5.9.2 (Programmable Gain Amplifier (PGA)): Updated list of PGA features.
................................... 114
Table 5-52 (PGA Characteristics): Updated table.
........................................................................... 115
Table 5-53 (Temperature Sensor Characteristics): Updated table.
........................................................ 117
Section 5.9.4 (Buffered Digital-to-Analog Converter (DAC)): Updated section.
.......................................... 118
Figure 5-36 (DAC Module Block Diagram): Updated figure.
................................................................ 118
Table 5-54 (Buffered DAC Electrical Characteristics): Updated table.
..................................................... 119
Section 5.9.5 (Comparator Subsystem (CMPSS)): Added NOTE about CMPSS pins.
................................. 122
Section 5.9.5: Removed "CMPSS Connectivity (64-Pin PM)" figure.
...................................................... 122
Section 5.9.5: Removed "CMPSS Connectivity (56-Pin RSH)" figure.
..................................................... 122
Figure 5-40 (CMPSS Connectivity): Changed figure title from "CMPSS Connectivity (100-Pin PZ)" to "CMPSS
Connectivity".
....................................................................................................................... 122
Table 5-55 (Comparator Electrical Characteristics): Updated table.
........................................................ 123
Table 5-56 (CMPSS DAC Static Electrical Characteristics): Updated table.
.............................................. 123
Section 5.10.1 (Enhanced Capture (eCAP)): Updated section.
............................................................ 127
Figure 5-46 (eCAP Block Diagram): Updated figure and added footnote.
................................................ 128
Table 5-57 (eCAP Timing Requirements): Updated table.
.................................................................. 129
Table 5-58 (eCAP Switching Charcteristics): Updated table.
............................................................... 129
Section 5.10.2 (High-Resolution Capture Submodule (HRCAP6–HRCAP7)): Updated section.
....................... 130
Figure 5-47 (HRCAP Block Diagram): Updated figure and added footnote.
.............................................. 131
Section 5.10.2.1 (HRCAP Electrical Data and Timing): Updated section.
................................................. 132
Table 5-59 (HRCAP Switching Characteristics): Updated table.
........................................................... 132
Figure 5-48 (HRCAP Accuracy Precision and Resolution): Added figure.
................................................ 132
Figure 5-49 (HRCAP Standard Deviation Characteristics): Updated figure and footnotes.
............................. 133
Figure 5-50 (ePWM Submodules and Critical Internal Signal Interconnects): Updated figure.
......................... 135
Figure 5-51 (ePWM Trip Input Connectivity): Updated figure.
.............................................................. 136
Table 5-60 (ePWM Timing Requirements): Updated table.
................................................................. 138
Table 5-61 (ePWM Switching Characteristics): Updated table.
............................................................. 138
Section 5.10.5 (Enhanced Quadrature Encoder Pulse (eQEP)): Updated section.
...................................... 141
Table 5-65 (eQEP Timing Requirements): Updated table.
.................................................................. 142
Table 5-66 (eQEP Switching Characteristics): Updated table.
.............................................................. 142
Section 5.10.6 (Sigma-Delta Filter Module (SDFM)): Updated list of SDFM features.
.................................. 143
Figure 5-56 (SDFM Block Diagram): Updated figure.
........................................................................ 144
Table 5-67 (SDFM Timing Requirements): Updated table.
.................................................................. 145
Section 5.11.1 (Controller Area Network (CAN)): Changed "D_CAN" to "DCAN".
....................................... 147
Figure 5-61 (CAN Block Diagram): Updated figure.
.......................................................................... 148
Section 5.11.2 (Inter-Integrated Circuit (I2C)): Updated list of I2C module features.
.................................... 149
Table 5-68 (I2C Timing Requirements): Updated table.
...................................................................... 151
Table 5-69 (I2C Switching Characteristics): Updated table.
................................................................. 151
Section 5.11.3 (Power Management Bus (PMBus) Interface): Added "Support for I2C mode" feature.
.............. 152
Section 5.11.3: Updated "Fast Mode+: 1000 kHz" feature.
................................................................. 152
Table 5-70 (PMBus Electrical Characteristics): Updated table.
............................................................. 153
Table 5-71 (PMBus Fast Mode Switching Characteristics): Updated table.
.............................................. 153
Table 5-72 (PMBus Standard Mode Switching Characteristics): Updated table.
......................................... 153
Section 5.11.5.1 (SPI Electrical Data and Timing): Updated section.
...................................................... 159
Figure 5-67 (SPI Master Mode External Timing (Clock Phase = 1)): Updated figure.
................................... 162
Figure 5-69 (SPI Slave Mode External Timing (Clock Phase = 1)): Updated figure.
.................................... 164


Similar Part No. - F280049CPZQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F280049CPZQ TI1-F280049CPZQ Datasheet
2Mb / 217P
[Old version datasheet]   Piccolo Microcontrollers
F280049CPZQ TI1-F280049CPZQ Datasheet
2Mb / 218P
[Old version datasheet]   Piccolo Microcontrollers
F280049CPZQ TI1-F280049CPZQ Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
F280049CPZQR TI1-F280049CPZQR Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
F280049CPZQR TI1-F280049CPZQR Datasheet
3Mb / 227P
[Old version datasheet]   Piccolo Microcontrollers
More results

Similar Description - F280049CPZQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28030 TI-TMS320F28030 Datasheet
1Mb / 157P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069 TI1-TMS320F28069_14 Datasheet
1Mb / 175P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069_1807 TI1-TMS320F28069_1807 Datasheet
2Mb / 182P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_0018 TI1-TMS320F280049_0018 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_1808 TI1-TMS320F280049_1808 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_V01 Datasheet
3Mb / 227P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_14 Datasheet
1Mb / 132P
[Old version datasheet]   Piccolo??Microcontrollers
TMS320F28069_1107 TI1-TMS320F28069_1107 Datasheet
1Mb / 172P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_18 Datasheet
2Mb / 217P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_17 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_16 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com