Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB214 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB214
Description  USB 2.0 High Speed Signal Conditioner with BC1.2 CDP
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB214 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TUSB214 Datasheet HTML 3Page - Texas Instruments TUSB214 Datasheet HTML 4Page - Texas Instruments TUSB214 Datasheet HTML 5Page - Texas Instruments TUSB214 Datasheet HTML 6Page - Texas Instruments TUSB214 Datasheet HTML 7Page - Texas Instruments TUSB214 Datasheet HTML 8Page - Texas Instruments TUSB214 Datasheet HTML 9Page - Texas Instruments TUSB214 Datasheet HTML 10Page - Texas Instruments TUSB214 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7
TUSB214
www.ti.com
SLLSEX7 – AUGUST 2017
Product Folder Links: TUSB214
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.7 Typical Characteristics
Figure 2. USB2.0 HS Eye Diagram, Host far-end with 2m
cable post-channel loss without TUSB214
Figure 3. USB 2.0 HS Eye Diagram, Host far-end with 2m
cable post-channel loss with TUSB214
Figure 4. USB2.0 HS Eye Diagram, Host far-end with 5m
cable pre-channel loss without TUSB214
Figure 5. USB2.0 HS Eye Diagram, Host far-end with 5m
cable pre-channel loss with TUSB214


Similar Part No. - TUSB214

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB214 TI-TUSB214 Datasheet
4Mb / 31P
[Old version datasheet]   TUSB217A USB 2.0 High-Speed Signal Conditioner With DCP and CDP Controllers
TUSB214-Q1 TI1-TUSB214-Q1 Datasheet
857Kb / 23P
[Old version datasheet]   USB 2.0 High Speed Signal Conditioner with BC1.2 CDP
TUSB214QRWBRQ1 TI1-TUSB214QRWBRQ1 Datasheet
857Kb / 23P
[Old version datasheet]   USB 2.0 High Speed Signal Conditioner with BC1.2 CDP
TUSB214QRWBTQ1 TI1-TUSB214QRWBTQ1 Datasheet
857Kb / 23P
[Old version datasheet]   USB 2.0 High Speed Signal Conditioner with BC1.2 CDP
More results

Similar Description - TUSB214

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB214-Q1 TI1-TUSB214-Q1 Datasheet
857Kb / 23P
[Old version datasheet]   USB 2.0 High Speed Signal Conditioner with BC1.2 CDP
TUSB215 TI1-TUSB215 Datasheet
844Kb / 23P
[Old version datasheet]   USB 2.0 High Speed Signal Conditioner with USB BC1.2 CDP
TUSB215-Q1 TI1-TUSB215-Q1 Datasheet
929Kb / 26P
[Old version datasheet]   USB 2.0 High Speed Signal Conditioner with USB BC1.2 CDP
TUSB217A TI-TUSB217A Datasheet
4Mb / 31P
[Old version datasheet]   TUSB217A USB 2.0 High-Speed Signal Conditioner With DCP and CDP Controllers
TUSB217A-Q1 TI-TUSB217A-Q1 Datasheet
3Mb / 33P
[Old version datasheet]   TUSB217A-Q1 USB 2.0 High-Speed Signal Conditioner With DCP and CDP Controllers
SEPTEMBER 2021
TUSB212 TI1-TUSB212 Datasheet
833Kb / 21P
[Old version datasheet]   USB 2.0 High Speed Signal Conditioner
TUSB212 TI1-TUSB212_17 Datasheet
1Mb / 27P
[Old version datasheet]   USB 2.0 High Speed Signal Conditioner
TUSB213-Q1 TI1-TUSB213-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   USB 2.0 High Speed Signal Conditioner
TUSB212-Q1 TI1-TUSB212-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   USB 2.0 High Speed Signal Conditioner
TUSB213 TI1-TUSB213 Datasheet
839Kb / 22P
[Old version datasheet]   USB 2.0 High Speed Signal Conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com