Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962R1320202VXC Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # 5962R1320202VXC
Description  1.5-V to 7-V Input, 3-A, Radiation-Hardened LDO Regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962R1320202VXC Datasheet(HTML) 6 Page - Texas Instruments

Back Button 5962R1320202VXC Datasheet HTML 2Page - Texas Instruments 5962R1320202VXC Datasheet HTML 3Page - Texas Instruments 5962R1320202VXC Datasheet HTML 4Page - Texas Instruments 5962R1320202VXC Datasheet HTML 5Page - Texas Instruments 5962R1320202VXC Datasheet HTML 6Page - Texas Instruments 5962R1320202VXC Datasheet HTML 7Page - Texas Instruments 5962R1320202VXC Datasheet HTML 8Page - Texas Instruments 5962R1320202VXC Datasheet HTML 9Page - Texas Instruments 5962R1320202VXC Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
6
TPS7H1101A-SP
SLVSDW6A – APRIL 2017 – REVISED AUGUST 2017
www.ti.com
Product Folder Links: TPS7H1101A-SP
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Input voltage
VIN, PG
–0.3
7.5
V
FB, COMP, PCL, CS, EN
–0.3
VIN + 0.3
Output voltage
VOUT, SS
–0.3
7.5
V
PG terminal sink current
0.001
5
mA
Maximum operating junction temperature, TJ
–55
150
°C
Storage temperature, Tstg
–55
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD) Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101, all pins(2)
±1000
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
TJ
Operating junction temperature
–55
125
°C
(1)
Do not allow package body temperature to exceed 265°C at any time or permanent damage may result.
(2)
Maximum power dissipation may be limited by overcurrent protection.
6.4 Thermal Information
THERMAL METRIC(1)(2)
TPS7H1101A-SP
UNIT
HKR (CFP)
16 PINS
RθJC(bot)
Junction-to-case (bottom) thermal resistance
0.6
°C/W


Similar Part No. - 5962R1320202VXC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962R1320202VXC TI1-5962R1320202VXC Datasheet
989Kb / 29P
[Old version datasheet]   1.5-V to 7-V Input, 3-A, Radiation-Hardened LDO Regulator
5962R1320202VXC TI-5962R1320202VXC Datasheet
2Mb / 32P
[Old version datasheet]   TPS7H1101A-SP 1.5-V to 7-V Input, 3-A, Radiation-Hardened LDO Regulator
5962R1320202VXC TI-5962R1320202VXC Datasheet
2Mb / 33P
[Old version datasheet]   TPS7H1101A-SP 1.5-V to 7-V Input, 3-A, Radiation-Hardened LDO Regulator
APRIL 2021
More results

Similar Description - 5962R1320202VXC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7H1101A-SP TI1-TPS7H1101A-SP Datasheet
989Kb / 29P
[Old version datasheet]   1.5-V to 7-V Input, 3-A, Radiation-Hardened LDO Regulator
TPS7H1101A-SP TI-TPS7H1101A-SP_V02 Datasheet
2Mb / 33P
[Old version datasheet]   TPS7H1101A-SP 1.5-V to 7-V Input, 3-A, Radiation-Hardened LDO Regulator
APRIL 2021
TPS7H1101A-SP TI-TPS7H1101A-SP_V01 Datasheet
2Mb / 32P
[Old version datasheet]   TPS7H1101A-SP 1.5-V to 7-V Input, 3-A, Radiation-Hardened LDO Regulator
TPS7H2201-SP TI1-TPS7H2201-SP Datasheet
916Kb / 31P
[Old version datasheet]   Radiation Hardened 1.5-V to 7-V, 6-A Load Switch
TPS7H2201-SP TI1-TPS7H2201-SP_19 Datasheet
1Mb / 32P
[Old version datasheet]   Radiation Hardened 1.5-V to 7-V, 6-A Load Switch
TPS7H2201-SP TI1-TPS7H2201-SP_18 Datasheet
917Kb / 32P
[Old version datasheet]   Radiation Hardened 1.5-V to 7-V, 6-A Load Switch
TPS7H1201-HT TI1-TPS7H1201-HT Datasheet
2Mb / 30P
[Old version datasheet]   1.5-V to 7-V Input, Ultra-Low Dropout (LDO) Regulator
TPS7H2201-SP TI-TPS7H2201-SP_V01 Datasheet
1Mb / 40P
[Old version datasheet]   TPS7H2201-SP Radiation Hardened 1.5-V to 7-V, 6-A Load Switch
MAY 2019
TPS50601A-SP TI-TPS50601A-SP_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TPS50601A-SP Radiation Hardened 3-V to 7-V Input, 6-A Synchronous Buck Converter
OCTOBER 2019
TPS7H2201-SP TI1-TPS7H2201-SP_V02 Datasheet
2Mb / 49P
[Old version datasheet]   TPS7H2201-SP and TPS7H2201-SEP Radiation Hardened 1.5-V to 7-V, 6-A eFuse
REVISED JUNE 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com