Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIC12400-Q1 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TIC12400-Q1
Description  24-Input Multiple Switch Detection Interface (MSDI) With Integrated ADC and Adjustable Wetting Current for Automotive Systems
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TIC12400-Q1 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TIC12400-Q1 Datasheet HTML 23Page - Texas Instruments TIC12400-Q1 Datasheet HTML 24Page - Texas Instruments TIC12400-Q1 Datasheet HTML 25Page - Texas Instruments TIC12400-Q1 Datasheet HTML 26Page - Texas Instruments TIC12400-Q1 Datasheet HTML 27Page - Texas Instruments TIC12400-Q1 Datasheet HTML 28Page - Texas Instruments TIC12400-Q1 Datasheet HTML 29Page - Texas Instruments TIC12400-Q1 Datasheet HTML 30Page - Texas Instruments TIC12400-Q1 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 127 page
background image
27
TIC12400-Q1
www.ti.com
SCPS260 – AUGUST 2017
Product Folder Links: TIC12400-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
The INT pin is released and the INT_STAT register content is cleared on the rising edge of CS provided the
INT_STAT register has been read during CS low. The TIC12400-Q1 continues to monitor the temperature, but
does not issue further interrupts if the temperature continues to stay above TTW- THYS. The status bit TW_STAT
in register IN_STAT_MISC continues to stay at logic 1 as long as the temperature warning condition exists.
If desired, the reduction of wetting current down to 2mA setting (from 10 mA or 15 mA) can be disabled by
setting the TW_CUR_DIS_CSO or TW_CUR_DIS_CSI bit in the CONFIG register to 1. The interrupt is still
generated (INT asserted low and INT_STAT interrupt register is updated) when the temperature warning event
occurs but the wetting current is not reduced. This setting applies to both the polling and continuous mode
operation. Note if the feature is enabled, switch detection result might be impacted upon TTW event if the wetting
current is reduced to 2mA from 10mA or 15mA.
When the temperature drops below TTW- THYS, the INT pin is asserted low (if released previously) to notify the
microcontroller that the temperature warning condition no longer exists. The TW bit of the interrupt register
INT_STAT is flagged logic 1. The TW_STAT bit in the IN_STAT_MISC register is de-asserted back to logic 0.
The device resumes operation using the current programmed settings (regardless of the INT and CS status).
8.3.10.2 Temperature Shutdown (TSD)
After the device enters TW condition, if the junction temperature continues to rise and goes above the
temperature shutdown threshold (TTSD), the TIC12400-Q1 enters the Temperature Shutdown (TSD) condition
and performs the following operations:
1. Opens all the switches connected to the current sources/sinks to prevent any further heating due to
excessive current flow.
2. Generate an interrupt by asserting the INT pin (if not already asserted) low and flag the TSD bit in the
INT_STAT register to logic 1. The TEMP bit in the SPI flag is also flagged to logic 1 for all SPI transactions.
3. The TSD_STAT bit of the IN_STAT_MISC register is flagged to logic 1. The TW_STAT bit also stays at logic
1.
4. SPI communication stays on and all register settings stay intact without resetting. Previous switch status, if
needed, can be retrieved without any interruption.
5. Maintain the setting as long as the junction temperature stays above TTSD- THYS.
The INT pin is released and the INT_STAT register content is cleared on the rising edge of CS provided the
INT_STAT register has been read during CS low. The TIC12400-Q1 continues to monitor the temperature, but
does not issue further interrupts if the temperature continues to stay above TTSD - THYS. The status bit
TSD_STAT in register IN_STAT_MISC continues to stay at logic 1 as long as the temperature shutdown
condition exists.
When the temperature drops below TTSD - THYS, the INT pin is asserted low (if released previously) to notify the
microcontroller that the temperature shutdown condition no longer exists. The TSD bit of the interrupt register
INT_STAT is flagged logic 1. In the IN_STAT_MISC register, the TSD_STAT bit is de-asserted back to logic 0,
while the TW_STAT bit stays at logic 1. The device resumes operation using the wetting current setting
described in section Temperature Warning if the temperature stays above TTW - THYS. Note the polling restarts
from the first enabled channel and the SSC interrupt is generated at the end of the first polling cycle. The
detected switch status from the first polling cycle becomes the default switch status for subsequent polling.
8.3.11 Parity Check And Parity Generation
The TIC12400-Q1 uses parity bit check to ensure error-free data transmission from/to the SPI master.
The device uses odd parity, for which the parity bit is set so that the total number of ones in the transmitted data
on SO (including the parity bit) is an odd number (i.e. Bit0
⊕ Bit1 ⊕ … ⊕ Bit30 ⊕ Bit31⊕ Parity = 1).
The device also uses odd parity check after receiving data on SI from the SPI master. If the total number of ones
in the received data (including the parity bit) is an even number the received data is discarded. The INT will be
asserted low and the PRTY_FAIL bit in the interrupt register (INT_STAT) is flagged to logic 1 to notify the host
that transmission error occurred. The PRTY_FAIL flag is also asserted during SPI communications.


Similar Part No. - TIC12400-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIC12400 TI1-TIC12400 Datasheet
1Mb / 137P
[Old version datasheet]   24-Input Multiple Switch Detection Interface (MSDI) Device With Integrated ADC and Adjustable Wetting Current
TIC12400DCPR TI1-TIC12400DCPR Datasheet
1Mb / 137P
[Old version datasheet]   24-Input Multiple Switch Detection Interface (MSDI) Device With Integrated ADC and Adjustable Wetting Current
More results

Similar Description - TIC12400-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIC10024-Q1 TI1-TIC10024-Q1 Datasheet
1Mb / 81P
[Old version datasheet]   24-Input Multiple Switch Detection Interface (MSDI) Device With Adjustable Wetting Current for Automotive Systems
TIC12400 TI1-TIC12400 Datasheet
1Mb / 137P
[Old version datasheet]   24-Input Multiple Switch Detection Interface (MSDI) Device With Integrated ADC and Adjustable Wetting Current
logo
NXP Semiconductors
CD1030 NXP-CD1030 Datasheet
1Mb / 67P
   33 channel multiple switch detection interface with programmable wetting current
Rev. 5.0, 7/2018
MC33978 NXP-MC33978 Datasheet
2Mb / 68P
   22 channel multiple switch detection interface with programmable wetting current
Rev. 9, 1/2021
logo
Freescale Semiconductor...
33975 FREESCALE-33975 Datasheet
881Kb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-Up and 32mA Wetting Current
33975 FREESCALE-33975_08 Datasheet
1Mb / 34P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32mA Wetting Current
MC33975ATEK FREESCALE-MC33975ATEK Datasheet
883Kb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
logo
NXP Semiconductors
MC33975 NXP-MC33975 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
Rev 12.0, 08/2023
logo
Motorola, Inc
MC33993 MOTOROLA-MC33993 Datasheet
869Kb / 28P
   Multiple Switch Detection Interface
logo
Freescale Semiconductor...
MC33993 FREESCALE-MC33993 Datasheet
1Mb / 28P
   Multiple Switch Detection Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com