Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIC12400-Q1 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TIC12400-Q1
Description  24-Input Multiple Switch Detection Interface (MSDI) With Integrated ADC and Adjustable Wetting Current for Automotive Systems
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TIC12400-Q1 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TIC12400-Q1 Datasheet HTML 16Page - Texas Instruments TIC12400-Q1 Datasheet HTML 17Page - Texas Instruments TIC12400-Q1 Datasheet HTML 18Page - Texas Instruments TIC12400-Q1 Datasheet HTML 19Page - Texas Instruments TIC12400-Q1 Datasheet HTML 20Page - Texas Instruments TIC12400-Q1 Datasheet HTML 21Page - Texas Instruments TIC12400-Q1 Datasheet HTML 22Page - Texas Instruments TIC12400-Q1 Datasheet HTML 23Page - Texas Instruments TIC12400-Q1 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 127 page
background image
20
TIC12400-Q1
SCPS260 – AUGUST 2017
www.ti.com
Product Folder Links: TIC12400-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Feature Description (continued)
Table 1. TIC12400-Q1 Wetting Current and Threshold Setting Details (continued)
Input
Threshold
Wetting Current
Current Source (CSO) /
Current Sink (CSI)
Supported Switch
Type
Comparator Input
Mode
ADC Input Mode
IN20
THRES_COMP_IN
20_IN23
THRES3A
THRES3B
THRES3C
WC_IN20_21
CSO
Switch to GND
IN21
THRES3A
THRES3B
THRES3C
CSO
Switch to GND
IN22
THRES3A
THRES3B
THRES3C
WC_IN22
CSO
Switch to GND
IN23
THRES3A
THRES3B
THRES3C
THRES8
THRES9
WC_IN23
CSO
Switch to GND
8.3.8.1 Input Current Source/Sink Selection
Among the 24 inputs, IN10 to IN23 are intended for monitoring only ground-connected switches and are
connected to current sources. IN0 to IN9 can be programmed to monitor either ground-connected switches or
battery-connected switches by configuring the CS_SELECT register. The default configuration of the IN0-IN9
inputs after POR is to monitor ground-connected switches (current sources are selected). To set an input to
monitor battery-connected switches, set the corresponding bit to logic 1.
8.3.8.2 Input Mode Selection
The TIC12400-Q1 has a built-in ADC and a comparator that can be used to monitor resistor coded switches or
digital switches. Digital switch inputs have only two states, either open or closed, and can be adequately
detected by a comparator. Resistor coded switches may have multiple positions that need to be detected and an
ADC is appropriate to monitor the different states. Each input of the TIC12400-Q1 can be individually
programmed to use either a comparator or an ADC by configuring the appropriate bits in the MODE register
depending on the knowledge of the external switch connections. The benefit of using a comparator instead of an
ADC to monitor digital switches is its reduced polling time which translates to overall power saving when the
device operates in the low-power polling mode.
Comparator input mode is selected by default for all enabled inputs upon device reset.
8.3.8.3 Input Enable Selection
The TIC12400-Q1 provides switch status monitoring for up to 24 inputs, but there might be circumstances in
which not all inputs need to be constantly monitored. The microcontroller may choose to enable/disable
monitoring of certain inputs by configuring the IN_EN register. Setting the corresponding bit to logic 0 de-
activates the wetting current source/sink and stops switch status monitoring for the input. Disabling monitoring of
unused inputs reduces overall power consumption of the device.
All inputs are disabled by default upon device reset.


Similar Part No. - TIC12400-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIC12400 TI1-TIC12400 Datasheet
1Mb / 137P
[Old version datasheet]   24-Input Multiple Switch Detection Interface (MSDI) Device With Integrated ADC and Adjustable Wetting Current
TIC12400DCPR TI1-TIC12400DCPR Datasheet
1Mb / 137P
[Old version datasheet]   24-Input Multiple Switch Detection Interface (MSDI) Device With Integrated ADC and Adjustable Wetting Current
More results

Similar Description - TIC12400-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIC10024-Q1 TI1-TIC10024-Q1 Datasheet
1Mb / 81P
[Old version datasheet]   24-Input Multiple Switch Detection Interface (MSDI) Device With Adjustable Wetting Current for Automotive Systems
TIC12400 TI1-TIC12400 Datasheet
1Mb / 137P
[Old version datasheet]   24-Input Multiple Switch Detection Interface (MSDI) Device With Integrated ADC and Adjustable Wetting Current
logo
NXP Semiconductors
CD1030 NXP-CD1030 Datasheet
1Mb / 67P
   33 channel multiple switch detection interface with programmable wetting current
Rev. 5.0, 7/2018
MC33978 NXP-MC33978 Datasheet
2Mb / 68P
   22 channel multiple switch detection interface with programmable wetting current
Rev. 9, 1/2021
logo
Freescale Semiconductor...
33975 FREESCALE-33975 Datasheet
881Kb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-Up and 32mA Wetting Current
33975 FREESCALE-33975_08 Datasheet
1Mb / 34P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32mA Wetting Current
MC33975ATEK FREESCALE-MC33975ATEK Datasheet
883Kb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
logo
NXP Semiconductors
MC33975 NXP-MC33975 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
Rev 12.0, 08/2023
logo
Motorola, Inc
MC33993 MOTOROLA-MC33993 Datasheet
869Kb / 28P
   Multiple Switch Detection Interface
logo
Freescale Semiconductor...
MC33993 FREESCALE-MC33993 Datasheet
1Mb / 28P
   Multiple Switch Detection Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com