Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1206X103K1RACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C1206X103K1RACTU
Description  Ceramic, FlexTerm-(CxxxxX), 0.01 uF, 10%, 100 V, 1206, X7R, SMD, MLCC, FT-CAP, Temperature Stable
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1206X103K1RACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C1206X103K1RACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - d8746ea0-96e6-4550-b42f-0e11b5db42c9
KEMET Part Number: C1206X103K1RACTU
(C1206X103K1RAC7800)
Ceramic, FlexTerm-(CxxxxX), 0.01 uF, 10%, 100 V, 1206, X7R, SMD, MLCC, FT-CAP, Temperature Stable
Dimensions
L
3.3mm +/-0.4mm
W
1.6mm +/-0.35mm
T
0.78mm +/-0.20mm
B
0.6mm +/-0.25mm
Packaging Specifications
Packaging: T&R, 180mm, Plastic Tape
Packaging Quantity: 4000
General Information
Style: SMD Chip
Series: FlexTerm-(CxxxxX)
Chip Size: 1206
Description: SMD, MLCC, FT-CAP,
Temperature Stable
Features: FT-CAP, Temperature Stable
RoHS: Yes
Termination: Flexible Termination
Marking: No
Failure Rate: N/A
Miscellaneous:
Note: Referee time for X7R
dielectric for this part number is
1000 hours
Specifications
Capacitance: 0.01 uF
Capacitance Tolerance: 10%
Voltage DC: 100 VDC
Dielectric Withstanding
Voltage: 250 V
Temperature Range: -55/+125C
Temperature Coefficient: X7R
Dissipation Factor: 2.5%
Aging Rate: 3% Loss/Decade Hour
Insulation Resistance: 100 GOhms
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C1206X103K1RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206X103K1RACAUTO KEMET-C1206X103K1RACAUTO Datasheet
60Kb / 1P
   SMD Auto X7R Flex, Ceramic, 0.01 uF, 10%, 100 VDC, X7R, SMD, MLCC, FT-CAP, Automotive Grade, 1206
More results

Similar Description - C1206X103K1RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805X103K1RACTU KEMET-C0805X103K1RACTU Datasheet
71Kb / 1P
   Ceramic, FlexTerm-(CxxxxX), 0.01 uF, 10%, 100 V, 0805, X7R, SMD, MLCC, FT-CAP, Temperature Stable
C1206X104K1RACTU KEMET-C1206X104K1RACTU Datasheet
65Kb / 1P
   Ceramic, FlexTerm-(CxxxxX), 0.1 uF, 10%, 100 V, 1206, X7R, SMD, MLCC, FT-CAP, Temperature Stable
C1206X474K1RACTU KEMET-C1206X474K1RACTU Datasheet
72Kb / 1P
   Ceramic, FlexTerm-(CxxxxX), 0.47 uF, 10%, 100 V, 1206, X7R, SMD, MLCC, FT-CAP, Temperature Stable
C1210X103KDRACTU KEMET-C1210X103KDRACTU Datasheet
71Kb / 1P
   Ceramic, FlexTerm-(CxxxxX), 0.01 uF, 10%, 1,000 V, 1210, X7R, SMD, MLCC, FT-CAP, Temperature Stable
C1210X103K2RACTU KEMET-C1210X103K2RACTU Datasheet
71Kb / 1P
   Ceramic, FlexTerm-(CxxxxX), 0.01 uF, 10%, 200 V, 1210, X7R, SMD, MLCC, FT-CAP, Temperature Stable
C2220X103KGRACTU KEMET-C2220X103KGRACTU Datasheet
72Kb / 1P
   Ceramic, FlexTerm-(CxxxxX), 0.01 uF, 10%, 2,000 V, 2220, X7R, SMD, MLCC, FT-CAP, Temperature Stable
C0805X103K5RACTU KEMET-C0805X103K5RACTU Datasheet
71Kb / 1P
   Ceramic, FlexTerm-(CxxxxX), 0.01 uF, 10%, 50 V, 0805, X7R, SMD, MLCC, FT-CAP, Temperature Stable
C1210X103KCRACTU KEMET-C1210X103KCRACTU Datasheet
71Kb / 1P
   Ceramic, FlexTerm-(CxxxxX), 0.01 uF, 10%, 500 V, 1210, X7R, SMD, MLCC, FT-CAP, Temperature Stable
C0603X103K5RACTU KEMET-C0603X103K5RACTU Datasheet
71Kb / 1P
   Ceramic, FlexTerm-(CxxxxX), 0.01 uF, 10%, 50 V, 0603, X7R, SMD, MLCC, FT-CAP, Temperature Stable
C1206X104KARACTU KEMET-C1206X104KARACTU Datasheet
71Kb / 1P
   Ceramic, FlexTerm-(CxxxxX), 0.1 uF, 10%, 250 V, 1206, X7R, SMD, MLCC, FT-CAP, Temperature Stable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com