Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

C1206H271JGGACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part No. C1206H271JGGACTU
Description  Ceramic, 200C, 200C-(CxxxxH), 270 pF, 5%, 2,000 V, 1206, C0G, SMD, MLCC, High Temperature, Ultra-Stable, Low Loss
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEMET [Kemet Corporation]
Homepage  http://www.kemet.com
Logo 

C1206H271JGGACTU Datasheet(HTML) 1 Page - Kemet Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - c10678da-39d3-4524-9a97-1c742547fb67
KEMET Part Number: C1206H271JGGACTU
(C1206H271JGGAC7800)
Ceramic, 200C, 200C-(CxxxxH), 270 pF, 5%, 2,000 V, 1206, C0G, SMD, MLCC, High Temperature, Ultra-Stable, Low Loss
Dimensions
L
3.2mm +/-0.2mm
W
1.6mm +/-0.2mm
T
1.6mm +/-0.15mm
B
0.5mm +/-0.25mm
Packaging Specifications
Packaging: T&R, 180mm, Plastic Tape
Packaging Quantity: 2000
General Information
Style: SMD Chip
Series: 200C-(CxxxxH)
Chip Size: 1206
Description: SMD, MLCC, High Temperature,
Ultra-Stable, Low Loss
Features: High Temp, Ultra-Stable, Low
Loss
RoHS: Yes
Termination: Tin
Marking: No
Failure Rate: N/A
Specifications
Capacitance: 270 pF
Capacitance Tolerance: 5%
Voltage DC: 2000 VDC
Dielectric Withstanding
Voltage: 2,400 V
Temperature Range: -55/+200C
Temperature Coefficient: C0G
Dissipation Factor: 0.1%
Aging Rate: 0% Loss/Decade Hour
Insulation Resistance: 100 GOhms
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn