Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX6323-MAX6324 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part No. MAX6323-MAX6324
Description  uP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX6323-MAX6324 Datasheet(HTML) 6 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
µP Supervisory Circuits with Windowed
(Min/Max) Watchdog and Manual Reset
6
_______________________________________________________________________________________
Detailed Description
The MAX6323/MAX6324 µP supervisory circuits main-
tain system integrity by alerting the µP to fault condi-
tions. In addition to a standard VCC monitor (for
power-on reset, brownout detect, and power-down
reset), the devices include a sophisticated watchdog
timer that detects when the processor is running out-
side an expected window of operation for a specific
application. The watchdog signals a fault when the
input pulses arrive too early (faster than the selected
tWD1 timeout period) or too late (slower than the select-
ed tWD2 timeout period) (Figure 1). Incorrect timing can
lead to poor or dangerous system performance in tight-
ly controlled operating environments. Incorrect timing
could be the result of improper µP clocking or code
execution errors. If a timing error occurs, the
MAX6323/MAX6324 issue a watchdog pulse output,
independent from the reset output, indicating that sys-
tem maintenance may be required.
Watchdog Function
A pulse on the watchdog output WDPO can be trig-
gered by a fast fault or a slow fault. If the watchdog
input (WDI) has two falling edges too close to each
other (faster than tWD1) (Figure 2) or falling edges that
are too far apart (slower than tWD2) (Figure 3), WDPO is
pulsed low. Normal watchdog operation is displayed in
Figure 4 (WDPO is not asserted). The internal watch-
dog timer is cleared when a WDI falling edge is detect-
ed within the valid watchdog window or when the
device’s RESET or WDPO outputs are deasserted. All
WDI input pulses are ignored while either RESET or
WDPO is asserted. Figure 1 identifies the input timing
regions where WDPO fault outputs will be observed
with respect to tWD1 and tWD2. After RESET or WDPO
deasserts, the first WDI falling edge is ignored for the
fast fault condition (Figure 2).
Upon detecting a watchdog fault, the WDPO output will
pulse low for 1ms. WDPO is an open-drain output.
Connect a pullup resistor on WDPO to any supply up to
+6V.
VCC Reset
The MAX6323/MAX6324 also include a standard VCC
reset monitor to ensure that the µP is started in a known
state and to prevent code execution errors during
power-up, power-down, or brownout conditions.
RESET is asserted whenever the VCC supply voltage
*UNDETERMINED STATES MAY OR MAY NOT GENERATE A FAULT CONDITION.
POSSIBLE STATES
GUARANTEED TO
ASSERT WDPO
GUARANTEED TO
ASSERT WDPO
GUARANTEED NOT TO
ASSERT WDPO
FAST FAULT
CONDITION 1
SLOW FAULT
CONDITION 3
NORMAL OPERATION
CONDITION 2
tWD1 (min)
)
tWD1 (max)
tWD2 (min)
tWD2 (max)
*UNDETERMINED
*UNDETERMINED
Figure 1. Detailed Watchdog Input Timing Relationship


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn