Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX3873A Datasheet(PDF) 5 Page - Maxim Integrated Products

Part No. MAX3873A
Description  Low-Power, Compact 2.5Gbps/2.7Gbps Clock-Recovery and Data-Retiming IC
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo MAXIM - Maxim Integrated Products

MAX3873A Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3873A Datasheet HTML 1Page - Maxim Integrated Products MAX3873A Datasheet HTML 2Page - Maxim Integrated Products MAX3873A Datasheet HTML 3Page - Maxim Integrated Products MAX3873A Datasheet HTML 4Page - Maxim Integrated Products MAX3873A Datasheet HTML 5Page - Maxim Integrated Products MAX3873A Datasheet HTML 6Page - Maxim Integrated Products MAX3873A Datasheet HTML 7Page - Maxim Integrated Products MAX3873A Datasheet HTML 8Page - Maxim Integrated Products MAX3873A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Low-Power, Compact 2.5Gbps or 2.7Gbps
Clock-Recovery and Data-Retiming IC
_______________________________________________________________________________________
5
RECOVERED CLOCK AND DATA
(2.488Gbps, 2
23 - 1 PATTERN,
VIN = 50mVP-P)
125mV/div
100ps/div
RECOVERED CLOCK AND DATA
(2.67Gbps, 223 - 1 PATTERN,
VIN = 50mVP-P)
125mV/div
100ps/div
RECOVERED CLOCK JITTER
(2.488Gbps)
10ps/div
223 - 1 PATTERN
RMS = 2.0psRMS
100
10
1
0.1
10
100
1000
10,000
JITTER TOLERANCE
(2.488Gbps, 2
23 - 1 PATTERN,
VIN = 50mVP-P)
JITTER FREQUENCY (kHz)
BELLCORE
MASK
WITH 0.2UI OF PWD
WITH 0.4UI OF
DETERMINISTIC
JITTER
0
60
40
20
80
100
120
140
160
180
200
-50
0
-25
25
5075
100
SUPPLY CURRENT vs. TEMPERATURE
(SCLKO DISABLED)
TEMPERATURE (°C)
MED OUTPUT SWING
MAX OUTPUT SWING
MIN OUTPUT SWING
0
60
40
20
80
100
120
140
160
180
200
-50
0
-25
25
5075
100
SUPPLY CURRENT vs. TEMPERATURE
(SCLKO ENABLED)
TEMPERATURE (°C)
MED OUTPUT SWING
MAX OUTPUT SWING
MIN OUTPUT SWING
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
0.5
-3.0
JITTER TRANSFER
-1.5
FREQUENCY (Hz)
-1.0
-0.5
0
103
105
106
104
107
-2.0
-2.5
BELLCORE
MASK


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn