Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MAX3873A Datasheet(PDF) 2 Page - Maxim Integrated Products

Part No. MAX3873A
Description  Low-Power, Compact 2.5Gbps/2.7Gbps Clock-Recovery and Data-Retiming IC
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX3873A Datasheet(HTML) 2 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Low-Power, Compact 2.5Gbps or 2.7Gbps
Clock-Recovery and Data-Retiming IC
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = 3.0V to 3.6V, TA = -40°C to +85°C. Typical values are at 2.488Gbps, VCC = 3.3V, TA = +25°C, unless otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage, VCC..............................................-0.5V to +5.0V
Voltage at SDI± .............................. (VCC - 1.0V) to (VCC + 0.5V)
CML Output Current at SDO±, SCLKO± ............................22mA
Voltage at
LOL, FASTRACK, FIL±, SCLKEN
MODE, RATESET...................................-0.5V to (VCC + 0.5V)
Continuous Power Dissipation (TA = +85°C)
20-Lead QFN (derate 20.0mW/°C above +85°C) .....1300mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-50°C to +150°C
Processing Temperature..................................................+400°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MODE = GND, SCLKEN = low
79
99
Supply Current (Note 2)
ICC
MODE = OPEN, SCLKEN = high
112
142
mA
CML INPUT SPECIFICATIONS (SDI+, SDI-)
Differential Input Voltage
VID
Figure 1
50
1600
mVP-P
Single-Ended Input
Voltage
VIS
Figure 1
VCC - 0.8
VCC + 0.4
V
Input Common-Mode
Voltage
DC-coupled, Figure 1
VCC - VID/4
V
Input Termination to VCC
RIN
40
50
60
CML OUTPUT SPECIFICATIONS (SDO+, SDO-, SCLKO+, SCLKO-)
MODE = open
640
800
1000
MODE = VCC
400
600
800
Differential Output Swing
(Note 3)
MODE = GND
200
400
600
mVP-P
Differential Output
Resistance
RO
80
100
120
MODE = Open
VCC - 0.17
MODE = VCC
VCC - 0.13
Output Common-Mode
Voltage (Note 3)
MODE = GND
VCC - 0.08
V
TTL INPUT/OUTPUT SPECIFICATIONS (FASTRACK, LOL, SCLKEN, MODE, RATESET)
Input High Voltage
VIH
2.0
V
Input Low Voltage
VIL
0.8
V
Input Current
-30
+30
µA
Output High Voltage
VOH
IOH = sourcing 40µA
2.4
V
Output Low Voltage
VOL
IOL = sinking 2mA
0.4
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn