Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3873A Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX3873A
Description  Low-Power, Compact 2.5Gbps/2.7Gbps Clock-Recovery and Data-Retiming IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3873A Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX3873A Datasheet HTML 4Page - Maxim Integrated Products MAX3873A Datasheet HTML 5Page - Maxim Integrated Products MAX3873A Datasheet HTML 6Page - Maxim Integrated Products MAX3873A Datasheet HTML 7Page - Maxim Integrated Products MAX3873A Datasheet HTML 8Page - Maxim Integrated Products MAX3873A Datasheet HTML 9Page - Maxim Integrated Products MAX3873A Datasheet HTML 10Page - Maxim Integrated Products MAX3873A Datasheet HTML 11Page - Maxim Integrated Products MAX3873A Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Low-Power, Compact 2.5Gbps or 2.7Gbps
Clock-Recovery and Data-Retiming IC
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
12 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 2003 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
E
2
2
21-0106
PACKAGE OUTLINE
12,16,20,24L QFN, 4x4x0.90 MM
Package Information (continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information,
go to www.maxim-ic.com/packages.)


Similar Part No. - MAX3873A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3873A MAXIM-MAX3873A Datasheet
230Kb / 10P
   Low-Power, Compact 2.5Gbps/2.7Gbps Clock-Recovery and Data-Retiming IC
19-2577; Rev 2; 5/07
logo
List of Unclassifed Man...
MAX3873AEGP ETC-MAX3873AEGP Datasheet
83Kb / 7P
   PLASTIC ENCAPSULATED DEVICES
logo
Maxim Integrated Produc...
MAX3873AEGP MAXIM-MAX3873AEGP Datasheet
230Kb / 10P
   Low-Power, Compact 2.5Gbps/2.7Gbps Clock-Recovery and Data-Retiming IC
19-2577; Rev 2; 5/07
MAX3873AETP++ MAXIM-MAX3873AETP+ Datasheet
230Kb / 10P
   Low-Power, Compact 2.5Gbps/2.7Gbps Clock-Recovery and Data-Retiming IC
19-2577; Rev 2; 5/07
MAX3873A MAXIM-MAX3873A_V01 Datasheet
230Kb / 10P
   Low-Power, Compact 2.5Gbps/2.7Gbps Clock-Recovery and Data-Retiming IC
19-2577; Rev 2; 5/07
More results

Similar Description - MAX3873A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3873 MAXIM-MAX3873 Datasheet
812Kb / 12P
   Low-Power, Compact 2.5Gbps/2.7Gbps Clock-Recovery and Data-Retiming IC
Rev 2; 5/03
MAX3873A MAXIM-MAX3873A_V01 Datasheet
230Kb / 10P
   Low-Power, Compact 2.5Gbps/2.7Gbps Clock-Recovery and Data-Retiming IC
19-2577; Rev 2; 5/07
MAX3876 MAXIM-MAX3876_V01 Datasheet
938Kb / 10P
   2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
19-1631; Rev 0a; 8/01
MAX3875 MAXIM-MAX3875 Datasheet
126Kb / 8P
   2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
Rev 0; 10/98
MAX3876 MAXIM-MAX3876 Datasheet
744Kb / 12P
   2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
Rev 0; 1/00
MAX3875A MAXIM-MAX3875A Datasheet
421Kb / 8P
   2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
Rev 1; 3/02
MAX3675 MAXIM-MAX3675 Datasheet
190Kb / 16P
   622Mbps, Low-Power, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
19-1258; Rev 2; 11/98
MAX3676 MAXIM-MAX3676 Datasheet
181Kb / 16P
   622Mbps, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
19-1537; Rev 0; 7/99
MAX3676 MAXIM-MAX3676_09 Datasheet
274Kb / 15P
   622Mbps, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
Rev 4; 3/09
MAX3877 MAXIM-MAX3877 Datasheet
550Kb / 16P
   2.5Gbps, 3.3V Clock and Data Retiming ICs with Vertical Threshold Adjust
19-2062; Rev 0; 5/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com