Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX3873A Datasheet(PDF) 11 Page - Maxim Integrated Products

Part No. MAX3873A
Description  Low-Power, Compact 2.5Gbps/2.7Gbps Clock-Recovery and Data-Retiming IC
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo MAXIM - Maxim Integrated Products

MAX3873A Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX3873A Datasheet HTML 4Page - Maxim Integrated Products MAX3873A Datasheet HTML 5Page - Maxim Integrated Products MAX3873A Datasheet HTML 6Page - Maxim Integrated Products MAX3873A Datasheet HTML 7Page - Maxim Integrated Products MAX3873A Datasheet HTML 8Page - Maxim Integrated Products MAX3873A Datasheet HTML 9Page - Maxim Integrated Products MAX3873A Datasheet HTML 10Page - Maxim Integrated Products MAX3873A Datasheet HTML 11Page - Maxim Integrated Products MAX3873A Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Low-Power, Compact 2.5Gbps or 2.7Gbps
Clock-Recovery and Data-Retiming IC
______________________________________________________________________________________
11
E
1
2
21-0106
PACKAGE OUTLINE
12,16,20,24L QFN, 4x4x0.90 MM
Package Information
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information,
go to www.maxim-ic.com/packages.)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn