Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMS3102R14S-29SCBSS-2 Datasheet(PDF) 4 Page - DDK Ltd.

Part # DMS3102R14S-29SCBSS-2
Description  MIL-DTL-5015 Compatible Environment Resistant Type
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

DMS3102R14S-29SCBSS-2 Datasheet(HTML) 4 Page - DDK Ltd.

  DMS3102R14S-29SCBSS-2 Datasheet HTML 1Page - DDK Ltd. DMS3102R14S-29SCBSS-2 Datasheet HTML 2Page - DDK Ltd. DMS3102R14S-29SCBSS-2 Datasheet HTML 3Page - DDK Ltd. DMS3102R14S-29SCBSS-2 Datasheet HTML 4Page - DDK Ltd. DMS3102R14S-29SCBSS-2 Datasheet HTML 5Page - DDK Ltd. DMS3102R14S-29SCBSS-2 Datasheet HTML 6Page - DDK Ltd. DMS3102R14S-29SCBSS-2 Datasheet HTML 7Page - DDK Ltd. DMS3102R14S-29SCBSS-2 Datasheet HTML 8Page - DDK Ltd. DMS3102R14S-29SCBSS-2 Datasheet HTML 9Page - DDK Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Unit:mm
http://www.ddknet.co.jp
D/MS E/F/R Series
4
○ D/MS E/F/R Series
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
  Please varify the latest specifications with our drawings.
Number of
Contact
1
2
Insert
Arrangement
Insert Number
20 - 2
10SL - 4
12S - 3
18 - 3
Contact Size
1 - #0
2 - #16
2 - #16
2 - #12
Service Rating
Serv. D
Serv. A
Serv. A
Serv. D
Number of
Contact
3
Insert
Arrangement
Insert Number
10SL - 3
14S - 7
16S - 5
16 - 10
Contact Size
3 - #16
3 - #16
3 - #16
3 - #12
Service Rating
Serv. A
Serv. A
Serv. A
Serv. A
Number of
Contact
4
Insert
Arrangement
Insert Number
14S - 2
16 - 9
18 - 10
22 - 22
32 - 17
Contact Size
4 - #16
2 - #16 / 2 - #12
4 - #12
4 - #8
4 - #4
Service Rating
Serv. INST.
Serv. A
Serv. A
Serv. A
Serv. D
Number of
Contact
5
Insert
Arrangement
Insert Number
14S - 5
16S - 8
18 - 11
28 - 5B
Contact Size
5 - #16
5 - #16
5 - #12
2 - #4 / 3 - #8
Service Rating
Serv. INST.
Serv. A
Serv. A
Serv. D ( A, B )
Serv. A ( C, D, E )
Front face of pin insert or rear face of socket insert illustrated.
#16
Contact Size
#12 #8
#4
#0
Note: Serv = Service Rating
B
A
B
A
C
B
A
C
B
A
D
B
C
A
D
C
B
A
B
C
D
E
A
D
C B
E
D
A
B
C
A
B
D
E
C
A
B
F
D
E
C
A
B
C
D
E
F
G
H
J
G
H
E
A
B
C
D
E
F
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
Y
Z
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
S
T
U
V
W
X
Z
a
b
c
d
e
f
g
h
j
k
m
p
r
s
n
Insert Arrangement List


Similar Part No. - DMS3102R14S-29SCBSS-2

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DMS3102R14S DDK-DMS3102R14S Datasheet
3Mb / 33P
   MIL-C-5015 Compatible Environment Resistant Type
More results

Similar Description - DMS3102R14S-29SCBSS-2

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DMS3100E10SL DDK-DMS3100E10SL Datasheet
3Mb / 33P
   MIL-C-5015 Compatible Environment Resistant Type
logo
Glenair, Inc.
947-259 GLENAIR-947-259 Datasheet
419Kb / 2P
   MIL-DTL-5015 Type Hermetic
947-042 GLENAIR-947-042 Datasheet
257Kb / 2P
   MIL-DTL-5015 Type Hermetic
logo
Amphenol Corporation
MS3102A20-15P AMPHENOL-MS3102A20-15P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard
MS3102A18-3PW AMPHENOL-MS3102A18-3PW Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015
12-020 AMPHENOL-12-020 Datasheet
2Mb / 73P
   MIL-DTL-5015 and Mil-5015 Type Standard Cylindrical Connectors
MS3102A14S-7S AMPHENOL-MS3102A14S-7S Datasheet
1Mb / 54P
   MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
logo
DDK Ltd.
DMS3106A10SL-29SW(D190) DDK-DMS3106A10SL-29SW(D190) Datasheet
1Mb / 10P
   Waterproof Circular Connectors (MIL-DTL-5015 Compatible)
logo
Glenair, Inc.
947-371 GLENAIR-947-371 Datasheet
266Kb / 2P
   MIL-DTL-5015 Type Hermetic Receptacle
logo
Amphenol Aerospace Oper...
1928309 AAO-1928309 Datasheet
3Mb / 33P
   MIL-DTL-5015, Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com