Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFH4110 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. SFH4110
Description  GaAs Infrared Emitter (Mini Sidelooker)
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

SFH4110 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2001-02-22
2
SFH 4110
Grenzwerte (
T
A = 25 °C)
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Betriebs- und Lagertemperatur
Operating and storage temperature range
T
op; Tstg
– 40
… + 85
°C
Sperrspannung
Reverse voltage
V
R
3V
Durchlaßstrom
Forward current
I
F (DC)
60
mA
Stoßstrom,
t
p = 10 µs, D = 0
Surge current
I
FSM
1A
Verlustleistung
Power dissipation
P
tot
100
mW
Wärmewiderstand Sperrschicht - Umgebung
Thermal resistance junction - ambient
R
thJA
280
K/W
Kennwerte (
T
A = 25 °C)
Characteristics
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Wellenlänge der Strahlung
Wavelength at peak emission
λ
peak
950
nm
Spektrale Bandbreite bei 50% von
I
max
Spectral bandwidth at 50% of
I
max
∆λ
55
nm
Abstrahlwinkel
Half angle
ϕ± 9Grad
deg.
Aktive Chipfläche
Active chip area
A
0.0625
mm
2
Abmessungen der aktiven Chipfläche
Dimensions of the active chip area
L
× B
L
× W
0.25
× 0.25
mm
Schaltzeiten, I
e von 10% auf 90% und von 90%
auf 10%, bei
I
F = 20 mA, RL = 50 Ω
Switching times,
Ι
e from 10% to 90% and from
90% to 10%,
I
F = 20 mA, RL = 50 Ω
t
r, tf
450/360
ns
Kapazität,
Capacitance
V
R = 0 V, f = 1 MHz
C
o
16
pF


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TLN110INFRARED LED GAAS INFRARED EMITTER 1 2 3 4 5 MoreToshiba Semiconductor
TLN102TOSHIBA INFRARED LED GaAs INFRARED EMITTER 1 2 3 4 5 Toshiba Semiconductor
SFH401GaAs INFRARED EMITTER 1 2 Siemens Semiconductor Group
OPE5294GaAs Infrared Emitter 1 2 List of Unclassifed Manufacturers
TLN117TOSHIBA INFRARED LED GAAS INFRAED EMITTER 1 2 3 4 5 Toshiba Semiconductor
SFH409GaAs Infrared Emitter 1 2 3 4 Siemens Semiconductor Group
MTE1100GaAs INFRARED EMITTER INFRARED LED FOR PHOTO SENSOR 1 2 Marktech Corporate
LD242GaAs Infrared Emitter 1 2 3 4 5 Siemens Semiconductor Group
SFH435GaAs INFRARED EMITTER DOUBLE EMITTING DIODE 1 2 3 Siemens Semiconductor Group
TLN105BTOSHIBA INFRARED LED GAAS INFRARED EMITTER 1 2 3 4 5 MoreToshiba Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn