Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFH4110 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. SFH4110
Description  GaAs Infrared Emitter (Mini Sidelooker)
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

SFH4110 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SFH 4110
GaAs-IR-Lumineszenzdiode (Mini Sidelooker)
GaAs Infrared Emitter (Mini Sidelooker)
2001-02-22
1
Wesentliche Merkmale
• Wellenlänge der Strahlung 950 nm
• Enger Abstrahlwinkel
• Hohe Strahlstärke
• Geringe Außenabmessungen
• Gehäusegleich mit Fototransistor SFH 3100 F
• Hoher Koppelfaktor in Lichtschranken in
Verbindung mit SFH 3100 F
• Hohe Zuverlässigkeit
Anwendungen
• Sender für Lichtschranken
• Bandende Erkennung (z.B. Videorecorder)
• Datenübertragung
• Positionsüberwachung
• Barcode-Leser
• „Messen/Steuern/Regeln“
• Münzzähler
Typ
Type
Bestellnummer
Ordering Code
Gehäuse
Package
SFH 4110
Q62702-P5072
Klares Miniatur-Kunststoffgehäuse, seitliche Abstrahlung,
Anschlüsse im 2,54-mm Raster,
Kathodenkennzeichnung: kurzer Anschluß
Clear miniature plastic package, sidelooker, solder tabs
2.54-mm (
1/
10”), cathode marking: short lead
Features
• Peak wavelength of 950 nm
• Narrow half angle
• High radiant intensity
• Small outline dimensions
• Same package as phototransistor SFH 3100 F
• High coupling factor in light barriers with
SFH 3100 F
• High reliability
Applications
• Emitter in photointerrupter
• Tape end detection (VCR e.g.)
• Data transmission
• Position sensing
• Barcode reader
• For control and drive circuits
• Coin counters


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TLN110INFRARED LED GAAS INFRARED EMITTER 1 2 3 4 5 MoreToshiba Semiconductor
TLN102TOSHIBA INFRARED LED GaAs INFRARED EMITTER 1 2 3 4 5 Toshiba Semiconductor
SFH401GaAs INFRARED EMITTER 1 2 Siemens Semiconductor Group
OPE5294GaAs Infrared Emitter 1 2 List of Unclassifed Manufacturers
TLN117TOSHIBA INFRARED LED GAAS INFRAED EMITTER 1 2 3 4 5 Toshiba Semiconductor
SFH409GaAs Infrared Emitter 1 2 3 4 Siemens Semiconductor Group
MTE1100GaAs INFRARED EMITTER INFRARED LED FOR PHOTO SENSOR 1 2 Marktech Corporate
LD242GaAs Infrared Emitter 1 2 3 4 5 Siemens Semiconductor Group
SFH435GaAs INFRARED EMITTER DOUBLE EMITTING DIODE 1 2 3 Siemens Semiconductor Group
TLN105BTOSHIBA INFRARED LED GAAS INFRARED EMITTER 1 2 3 4 5 MoreToshiba Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn