Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFH4110 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part No. SFH4110
Description  GaAs Infrared Emitter (Mini Sidelooker)
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

SFH4110 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SFH 4110
2001-02-22
4
Relative Spectral Emission
I
rel = f (λ)
Forward Current
I
F = f (VF), Single pulse, tp = 20 µs
Permissible Pulse Power ,
Duty cycle
D = parameter, T
A = 25 °C
OHR01938
λ
rel
Ι
0
880
920
960
1000
nm
1060
20
40
60
80
%
100
V
OHF00367
F
10
-2
0
Ι
F
12
3
4
0.5
1.5
2.5
V
10
-1
10
0
10
1
10
2
10
3
10
4
mA
t
OHF00373
P
-5
10
10
-2
Ι
F
-1
10
0
10
1
10
-4
10
-3
10
-2
10
-1
10
0
10
s
2
10
A
D = 0.005
D = 0.01
D = 0.02
D = 0.05
D = 0.1
D = 0.2
D = 0.5
Radiant Intensity
Single pulse,
t
p = 20 µs
Radiation Characteristics
Ι
rel = f (ϕ)
I
e
I
e 100 mA
=
f (I
F)
OHF00369
10
-1
10
0
10
12
10
10
3
-3
10
-2
10
-1
10
10
0
1
10
e (100 mA)
Ι
Ι
F
e
Ι
mA
OHF00371
20˚
40˚
60˚
80˚
100˚
120˚
0.4
0.6
0.8
1.0
100˚
90˚
80˚
70˚
60˚
50˚
10˚
20˚
30˚
40˚
0
0.2
0.4
0.6
0.8
1.0
ϕ
Max. Permissible Forward Current
I
F = f (TA)
T
OHF00372
A
0
0
Ι
F
20
40
60
80
120
10
20
30
40
50
60
70
mA
90
C
R
thJA = 280 K/W


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TLN110INFRARED LED GAAS INFRARED EMITTER 1 2 3 4 5 MoreToshiba Semiconductor
TLN102TOSHIBA INFRARED LED GaAs INFRARED EMITTER 1 2 3 4 5 Toshiba Semiconductor
SFH401GaAs INFRARED EMITTER 1 2 Siemens Semiconductor Group
OPE5294GaAs Infrared Emitter 1 2 List of Unclassifed Manufacturers
TLN117TOSHIBA INFRARED LED GAAS INFRAED EMITTER 1 2 3 4 5 Toshiba Semiconductor
SFH409GaAs Infrared Emitter 1 2 3 4 Siemens Semiconductor Group
MTE1100GaAs INFRARED EMITTER INFRARED LED FOR PHOTO SENSOR 1 2 Marktech Corporate
LD242GaAs Infrared Emitter 1 2 3 4 5 Siemens Semiconductor Group
SFH435GaAs INFRARED EMITTER DOUBLE EMITTING DIODE 1 2 3 Siemens Semiconductor Group
TLN105BTOSHIBA INFRARED LED GAAS INFRARED EMITTER 1 2 3 4 5 MoreToshiba Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn