Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L157XG3S Datasheet(PDF) 2 Page - Dielectric Laboratories, Inc.

Part # L157XG3S
Description  15.7GHz Surface Mount LPF
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DILABS [Dielectric Laboratories, Inc.]
Direct Link  http://www.dilabs.com/
Logo DILABS - Dielectric Laboratories, Inc.

L157XG3S Datasheet(HTML) 2 Page - Dielectric Laboratories, Inc.

  L157XG3S Datasheet HTML 1Page - Dielectric Laboratories, Inc. L157XG3S Datasheet HTML 2Page - Dielectric Laboratories, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
 
 
Recommended PCB Layout
Physical Dimensions
Isometric View
Bottom View
15.7GHz Surface Mount LPF
L157XG3S
www.knowlescapacitors.com
www.dilabs.com
2777 Route 20 East, Cazenovia, NY 13035| Ph: (315)655‐8710 | KCCSales@knowles.com 
October 2015 
 50Ω trace dimensions are applica on specific. 
 Ensure adequate grounding beneath the filter. 


Similar Part No. - L157XG3S

ManufacturerPart #DatasheetDescription
logo
Dielectric Laboratories...
L157XG3S DILABS-L157XG3S Datasheet
1Mb / 2P
   Surface Mount Lowpass Filter Series
L157XG3S DILABS-L157XG3S Datasheet
1Mb / 2P
   Surface Mount Lowpass Filter Series
L157XG3S DILABS-L157XG3S Datasheet
1Mb / 2P
   Surface Mount Lowpass Filter Series
L157XG3S DILABS-L157XG3S Datasheet
1Mb / 2P
   Surface Mount Lowpass Filter Series
L157XG3S DILABS-L157XG3S Datasheet
1Mb / 2P
   Surface Mount Lowpass Filter Series
More results

Similar Description - L157XG3S

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
L157XG3S KNOWLES-L157XG3S Datasheet
426Kb / 2P
   15.7GHz Surface Mount LPF
L117XH4S KNOWLES-L117XH4S Datasheet
589Kb / 2P
   11.7GHz Surface Mount LPF
logo
Dielectric Laboratories...
L050XF9S DILABS-L050XF9S Datasheet
406Kb / 2P
   5GHz Surface Mount LPF
L204XF4S DILABS-L204XF4S_15 Datasheet
444Kb / 2P
   20.4GHz Surface Mount LPF
logo
Knowles Electronics
L128XH4S KNOWLES-L128XH4S Datasheet
421Kb / 2P
   12.8GHz Surface Mount LPF
L185XF4S KNOWLES-L185XF4S Datasheet
378Kb / 2P
   18GHz Surface Mount LPF
L095XG9S KNOWLES-L095XG9S Datasheet
383Kb / 2P
   9.5GHz Surface Mount LPF
logo
Dielectric Laboratories...
L128XH4S DILABS-L128XH4S_15 Datasheet
421Kb / 2P
   12.8GHz Surface Mount LPF
logo
Knowles Electronics
L050XF9S KNOWLES-L050XF9S Datasheet
409Kb / 2P
   5GHz Surface Mount LPF
L204XF4S KNOWLES-L204XF4S Datasheet
444Kb / 2P
   20.4GHz Surface Mount LPF
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com