Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SED1530D0 Datasheet(PDF) 8 Page - Epson Company

Part # SED1530D0
Description  DOT MATRIX LCD CONTROLLER DRIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

SED1530D0 Datasheet(HTML) 8 Page - Epson Company

Back Button SED1530D0 Datasheet HTML 4Page - Epson Company SED1530D0 Datasheet HTML 5Page - Epson Company SED1530D0 Datasheet HTML 6Page - Epson Company SED1530D0 Datasheet HTML 7Page - Epson Company SED1530D0 Datasheet HTML 8Page - Epson Company SED1530D0 Datasheet HTML 9Page - Epson Company SED1530D0 Datasheet HTML 10Page - Epson Company SED1530D0 Datasheet HTML 11Page - Epson Company SED1530D0 Datasheet HTML 12Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
SED1530 Series
20
15
10
5
0
(
µA)
IDD(1)
(ISS+15)
12
3
4
VDD
5
6
7
(V)
Conditions:
Remarks:
The built-in power supply is
OFF and an external power
supply is used.
SED1530 V5-VDD = –8.0V
SED1531 V5-VDD = –11.0V
SED1532 V5-VDD = –11.0V
SED1533 V5-VDD = –6.0V
SED1534 V5-VDD = –6.0V
Ta = 25
°C
*12
SED1531, SED1532
SED1533, SED1534
SED1530
q Dynamic current consumption (1) when the built-in power supply is OFF
Ta = 25
°C
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Note
SED1530
IDD
VDD = 5.0 V, V5 – VDD = –8.0 V
24
40
µA
*12
(1)
VDD = 3.0 V, V5 – VDD = –8.0 V
22
35
SED1531
VDD = 5.0 V, V5 – VDD = –11.0 V
40
65
VDD = 3.0 V, V5 – VDD = –11.0 V
36
60
SED1532
VDD = 5.0 V, V5 – VDD = –11.0 V
39
65
VDD = 3.0 V, V5 – VDD = –11.0 V
32
55
SED1533
VDD = 3.0 V, V5 – VDD = –5.0 V
20
35
SED1534
VDD = 3.0 V, V5 – VDD = –5.0 V
20
35
q Dynamic current consumption (2) when the built-in power supply is ON
Ta = 25
°C
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Note
SED1530
IDD
VDD = 5.0 V, V5 – VDD = –8.0 V, dual boosting
41
70
µA
*13
(1)
VDD = 3.0 V, V5 – VDD = –8.0 V, triple boosting
48
80
SED1531
VDD = 5.0 V, V5 – VDD = –11.0 V, triple boosting
96
160
VDD = 3.0 V, V5 – VDD = –11.0 V, quadruple boosting
118
190
SED1532
VDD = 5.0 V, V5 – VDD = –11.0 V, triple boosting
95
160
VDD = 3.0 V, V5 – VDD = –11.0 V, quadruple boosting
114
190
SED1533
VDD = 3.0 V, V5 – VDD = –5.0 V, dual boosting
30
50
SED1534
VDD = 3.0 V, V5 – VDD = –5.0 V, dual boosting
32
55
q Current consumption during Power Save mode
VSS=0V, VDD=2.7 to 5.5V Ta = 25
°C
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Note
During sleep IDDS1
SED1530, SED1531, SED1532
0.01
1
µA
During standby IDDS2
SED1530, SED1531, SED1532
10
20
q Typical current consumption characteristics
(reference data)
• Dynamic current consumption (1) when LCD
external power mode lamp is ON


Similar Part No. - SED1530D0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SED1500 ETC-SED1500 Datasheet
590Kb / 32P
   DOT MATRIX LCD DRIVER
SED1501 ETC-SED1501 Datasheet
590Kb / 32P
   DOT MATRIX LCD DRIVER
SED1502 ETC-SED1502 Datasheet
590Kb / 32P
   DOT MATRIX LCD DRIVER
SED1503 ETC-SED1503 Datasheet
590Kb / 32P
   DOT MATRIX LCD DRIVER
logo
Solid States Devices, I...
SED150LB30 SSDI-SED150LB30 Datasheet
185Kb / 2P
   150 AMP 30 VOLTS SCHOTTKY RECTIFIER
More results

Similar Description - SED1530D0

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9041 OKI-ML9041 Datasheet
537Kb / 55P
   DOT MATRIX LCD CONTROLLER DRIVER
logo
Sitronix Technology Co....
ST7038 SITRONIX-ST7038 Datasheet
1Mb / 63P
   Dot Matrix LCD Controller/Driver
logo
Renesas Technology Corp
PD16435 RENESAS-PD16435_15 Datasheet
440Kb / 38P
   DOT MATRIX LCD CONTROLLER/DRIVER
logo
Sitronix Technology Co....
ST7066U SITRONIX-ST7066U Datasheet
601Kb / 42P
   Dot Matrix LCD Controller/Driver
logo
List of Unclassifed Man...
ST7036 ETC-ST7036 Datasheet
864Kb / 72P
   Dot Matrix LCD Controller/Driver
logo
OKI electronic componet...
ML9041A OKI-ML9041A Datasheet
655Kb / 64P
   DOT MATRIX LCD CONTROLLER DRIVER
logo
Epson Company
SED1200F EPSON-SED1200F Datasheet
149Kb / 6P
   Dot Matrix LCD Controller Driver
SED1526 EPSON-SED1526 Datasheet
105Kb / 12P
   Dot Matrix LCD Controller Driver
SED1278F EPSON-SED1278F Datasheet
561Kb / 13P
   Dot Matrix LCD Controller Driver
logo
Neotec Semiconductor Lt...
NT7070B NEOTEC-NT7070B Datasheet
323Kb / 33P
   Dot Matrix LCD Driver & Controller
Rev1.4 20130225
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com