Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC16C754IB80 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SC16C754IB80
Description  Quad UART with 64-byte FIFO
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C754IB80 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SC16C754IB80 Datasheet HTML 5Page - NXP Semiconductors SC16C754IB80 Datasheet HTML 6Page - NXP Semiconductors SC16C754IB80 Datasheet HTML 7Page - NXP Semiconductors SC16C754IB80 Datasheet HTML 8Page - NXP Semiconductors SC16C754IB80 Datasheet HTML 9Page - NXP Semiconductors SC16C754IB80 Datasheet HTML 10Page - NXP Semiconductors SC16C754IB80 Datasheet HTML 11Page - NXP Semiconductors SC16C754IB80 Datasheet HTML 12Page - NXP Semiconductors SC16C754IB80 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
Philips Semiconductors
SC16C754
Quad UART with 64-byte FIFO
Product data
Rev. 04 — 19 June 2003
9 of 49
9397 750 11618
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
With Auto-CTS, CTS must be active before the UART can transmit data.
Auto-RTS only activates the RTS output when there is enough room in the FIFO to
receive data and de-activates the RTS output when the RX FIFO is sufficiently full.
The halt and resume trigger levels in the TCR determine the levels at which RTS is
activated/deactivated.
If both Auto-CTS and Auto-RTS are enabled, when RTS is connected to CTS, data
transmission does not occur unless the receiver FIFO has empty space. Thus,
overrun errors are eliminated during hardware flow control. If not enabled, overrun
errors occur if the transmit data rate exceeds the receive FIFO servicing latency.
6.2.1
Auto-RTS
Auto-RTS data flow control originates in the receiver block (see Figure 1 “Block
diagram.” on page 3). Figure 5 shows RTS functional timing. The receiver FIFO
trigger levels used in Auto-RTS are stored in the TCR. RTS is active if the RX FIFO
level is below the halt trigger level in TCR[3:0]. When the receiver FIFO halt trigger
level is reached, RTS is deasserted. The sending device (e.g., another UART) may
send an additional byte after the trigger level is reached (assuming the sending UART
has another byte to send) because it may not recognize the deassertion of RTS until
it has begun sending the additional byte. RTS is automatically reasserted once the
receiver FIFO reaches the resume trigger level programmed via TCR[7:4]. This
reassertion allows the sending device to resume transmission.
Fig 4.
Autoflow control (Auto-RTS and Auto-CTS) example.
RX
FIFO
SERIAL-TO-
PARALLEL
FLOW
CONTROL
TX
FIFO
PARALLEL-
TO-SERIAL
FLOW
CONTROL
PARALLEL-
TO-SERIAL
FLOW
CONTROL
SERIAL-TO-
PARALLEL
FLOW
TX
FIFO
RX
FIFO
UART 1
UART 2
D7-D0
RX
TX
RTS
CTS
TX
RX
CTS
RTS
D7-D0
CONTROL
002aaa228


Similar Part No. - SC16C754IB80

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C754B PHILIPS-SC16C754B Datasheet
259Kb / 50P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 64-byte FIFOs
Rev. 02-13 June 2005
SC16C754B NXP-SC16C754B Datasheet
252Kb / 51P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 64-byte FIFOs
Rev. 04-6 October 2008
SC16C754BIA68 PHILIPS-SC16C754BIA68 Datasheet
259Kb / 50P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 64-byte FIFOs
Rev. 02-13 June 2005
SC16C754BIA68 NXP-SC16C754BIA68 Datasheet
252Kb / 51P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 64-byte FIFOs
Rev. 04-6 October 2008
SC16C754BIB80 PHILIPS-SC16C754BIB80 Datasheet
259Kb / 50P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 64-byte FIFOs
Rev. 02-13 June 2005
More results

Similar Description - SC16C754IB80

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
TL16C754BPNR TI-TL16C754BPNR Datasheet
671Kb / 40P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
TL16C754B TI-TL16C754B Datasheet
466Kb / 37P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
TL16C752D-Q1 TI1-TL16C752D-Q1 Datasheet
907Kb / 53P
[Old version datasheet]   Dual UART With 64-Byte FIFO
logo
Exar Corporation
ST16C654IJ68-F EXAR-ST16C654IJ68-F Datasheet
1Mb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
logo
NXP Semiconductors
SC16C752 PHILIPS-SC16C752 Datasheet
604Kb / 47P
   Dual UART with 64-byte FIFO
Rev. 04-20 June 2003
logo
Exar Corporation
XR16M654DIV-0B EXAR-XR16M654DIV-0B Datasheet
1Mb / 58P
   1.62V TO 3.63V QUAD UART WITH 64-BYTE FIFO
XR16M654 EXAR-XR16M654 Datasheet
1Mb / 58P
   1.62V TO 3.63V QUAD UART WITH 64-BYTE FIFO
XR16V654_0709 EXAR-XR16V654_0709 Datasheet
1Mb / 58P
   2.25V TO 3.6V QUAD UART WITH 64-BYTE FIFO
XR16V654 EXAR-XR16V654 Datasheet
1Mb / 58P
   2.25V TO 3.6V QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com