Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L-914HT Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # L-914HT
Description  RECTANGULAR SOLID LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

L-914HT Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  L-914HT Datasheet HTML 1Page - List of Unclassifed Manufacturers L-914HT Datasheet HTML 2Page - List of Unclassifed Manufacturers L-914HT Datasheet HTML 3Page - List of Unclassifed Manufacturers L-914HT Datasheet HTML 4Page - List of Unclassifed Manufacturers L-914HT Datasheet HTML 5Page - List of Unclassifed Manufacturers L-914HT Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPEC NO: KDA0282
REV NO: V.1
DATE: SEP/15/2001
PAGE: 1 OF 6
APPROVED: J.LU
CHECKED:
DRAWN: J.X.FU
2x3mm RECTANGULAR SOLID LAMPS
L-914Hx BRIGHT RED
L-914GxGREEN
L-914Ix HIGH EFFICIENCY RED
L-914Ex ORANGE
L-914PGT PURE GREEN
L-914AxYELLOW
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the lead emerge package.
4. Specifications are subject to change without notice.
Features
!
LOW POWER CONSUMPTION.
!
ULTRA BRIGHTNESS IS AVAILABLE .
!
RELIABLE AND RUGGED.
!
EXCELLENT UNIFORMITY OF LIGHT OUTPUT.
!
SUITABLE FOR LEVEL INDICATOR.
Description
The Bright Red source color devices are made with Gallium
Phosphide Red Light Emitting Diode.
The High Efficiency Red and Orange source color devices
are made with Gallium Arsenide Phosphide on Gallium
Phosphide Orange Light Emitting Diode.
The Green source color devices are made with Gallium
Phosphide Green Light Emitting Diode.
The Yellow source color devices are made with Gallium
Arsenide Phosphide on Gallium Phosphide Yellow Light
Emitting Diode.
The Pure Green source color devices are made with Gallium
Phosphide Green Light Emitting Diode.
Package Dimensions


Similar Part No. - L-914HT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L-90PL012D-C ETC2-L-90PL012D-C Datasheet
74Kb / 1P
   Pontiac Coil - Arkansas is an ISO 9001:2000 Certified Company
L-90PL012D-I ETC2-L-90PL012D-I Datasheet
74Kb / 1P
   Pontiac Coil - Arkansas is an ISO 9001:2000 Certified Company
L-90PL024D-C ETC2-L-90PL024D-C Datasheet
74Kb / 1P
   Pontiac Coil - Arkansas is an ISO 9001:2000 Certified Company
L-90PL024D-I ETC2-L-90PL024D-I Datasheet
74Kb / 1P
   Pontiac Coil - Arkansas is an ISO 9001:2000 Certified Company
logo
Kingbright Corporation
L-934GD-12V KINGBRIGHT-L-934GD-12V Datasheet
79Kb / 3P
   T-1 ( 3mm) SOLID STATE LAMP
More results

Similar Description - L-914HT

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
L1053 KINGBRIGHT-L1053 Datasheet
142Kb / 5P
   1X5MM RECTANGULAR SOLID LAMPS
logo
QT Optoelectronics
MV53123 QT-MV53123 Datasheet
227Kb / 3P
   RECTANGULAR SOLID STATE LAMPS
logo
Fairchild Semiconductor
MV53123 FAIRCHILD-MV53123 Datasheet
251Kb / 4P
   RECTANGULAR SOLID STATE LAMPS
logo
Kingbright Corporation
L-1002 KINGBRIGHT-L-1002 Datasheet
147Kb / 5P
   1.1x3.4mm RECTANGULAR SOLID LAMPS
logo
Fairchild Semiconductor
MV53124A FAIRCHILD-MV53124A Datasheet
281Kb / 4P
   RECTANGULAR SOLID STATE LAMPS
logo
List of Unclassifed Man...
E914 ETC-E914 Datasheet
167Kb / 5P
   2 x 3mm RECTANGULAR SOLID LAMPS
logo
Kingbright Corporation
L-513 KINGBRIGHT-L-513 Datasheet
178Kb / 6P
   2.5 X 5MM RECTANGULAR SOLID LAMPS
logo
List of Unclassifed Man...
L513HDT ETC-L513HDT Datasheet
178Kb / 6P
   2.5 X 5MM RECTANGULAR SOLID LAMPS
L-113 ETC-L-113 Datasheet
178Kb / 6P
   2 X5 MM RECTANGULAR SOLID LAMPS
L173 ETC-L173 Datasheet
163Kb / 5P
   2.5 X 5 MM RECTANGULAR SOLID LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com